Electronic Components Datasheet Search
  English  ▼

X  

EC32L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EC32L
Description  EC32LXX2.4GHz802.11b/g/n Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC32L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EC32L Datasheet HTML 1Page - List of Unclassifed Manufacturers EC32L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
EC32LXX'2.4GHz'802.11'b/g/n'Modules'
Wi=Fi'Ready'Fully'CerCfied'MCU'Modules'
'32bit'MCU'for'Custom'App'Development'
'
• 
Powerful))Cortex-M3/M4)Processors)with)Flash)and)RAM)to)support)custom)applica>ons)
• 
UART)to)Wi-Fi)and)SPI)to)Wi-Fi)func>ons)
• 
Best)in)class)open)source)RTOS)
• 
Power)consump>on)as)low)as)2.8uA)
• 
Network)Tx/Rx)performance)up)to)22Mbps)
• 
Complete)set)of)interfaces:))GPIOs,)USARTs,)UARTs,)I2C,)I2S,)SPI,)USB,)CAN2.0A/B,)ADC,)DAC)
• 
Full)set)of)open)source)applica>on)examples)
• 
Ideal)for)OEM/ODM)products)requiring)Wi-Fi)network)connec>vity)or)media)streaming)
The) EC32Lxx) family) of) modules) is) the) ul>mate) choice) for) product)
designers)who)want)to)integrate)Wi-Fi)into)their)network)connected)
devices)and)appliances.))No)previous)Wi-Fi)experience)is)needed!))
)
The) EC32Lxx) includes) the) most) comprehensive) soXware) library) and)
open)source)applica>ons)to)ensure)full)customiza>on)and)rapid)path)
to)market)for)Wi-Fi)enabled)products.)The)MCU)on)the)EC32Lxx)can)
be) used) to) replace) an) exis>ng) MCU.) Por>ng) customer) applica>on)
code)to)EC32Lxx)saves)space,)power,)and)cost.)
Block'Diagram'
•  Home Automation and Smart Appliances
•  Wi-Fi Audio Speakers and Headphones
•  Wi-Fi Audio/Video Monitoring
•  Wireless Sensors and Sensor Networks
•  Healthcare and Fitness Devices
•  Wearable Devices
•  Security, Authentication, and Admittance Control
•  Lighting
•  Toys
•  Building/Energy/Industrial Management/Control
•  Remote Control, Data Acquisition & Monitoring
ApplicaCons'
Highlights'
www.econais.com
Europe, 8A Nirvana Pavlou Street, 26443 Patra, Achaea, Greece Tel.: +30 2610 463004, eu.sales@econais.com
US Headquarters, 101 Metro Drive #305, San Jose, CA 95110 Tel.: +1-408-827-8331, us.sales@econais.com
Asia, 908E, Wah Shing Center, 11 Shing Yip Street, Kwun Tong, Hong Kong Tel.: +852 64096464, asia.sales@econais.com


Similar Part No. - EC32L

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC32 ECLIPTEK-EC32 Datasheet
237Kb / 4P
OSCILLATOR
logo
Relpol S.A.
EC32 RELPOL-EC32 Datasheet
10Mb / 20P
Plug-in sockets and accessories
logo
DFI Inc
EC320 DFI-EC320 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC320-CR4866 DFI-EC320-CR4866 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC320-CR6881 DFI-EC320-CR6881 Datasheet
1Mb / 4P
Modular-Designed Embedded System
More results

Similar Description - EC32L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC19D01 ETC2-EC19D01 Datasheet
508Kb / 2P
EC19D01802.11b/g/n 8x8x1.5mm WiFi Modules
logo
STMicroelectronics
SPWF01SA STMICROELECTRONICS-SPWF01SA Datasheet
652Kb / 16P
Serial-to-Wi-Fi b/g/n intelligent modules
11-Nov-2015
SPWF04SA STMICROELECTRONICS-SPWF04SA Datasheet
864Kb / 27P
Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
14-Nov-2017
logo
Advantech Co., Ltd.
EWM-W167M2 ADVANTECH-EWM-W167M2 Datasheet
349Kb / 1P
802.11 b/g/n
logo
Shenzhen Foster Semicon...
FIR10N65FG FOSTER-FIR10N65FG Datasheet
2Mb / 10P
N-Channel Power MOSFET-G
logo
Laird Tech Smart Techno...
450-0037 LSTD-450-0037 Datasheet
1Mb / 51P
Integrated Transceiver Modules for WLAN 802.11 b/g/n, Bluetooth, and ANT
450-0064 LSTD-450-0064 Datasheet
1Mb / 52P
Integrated Transceiver Modules for WLAN 802.11 b/g/n, Bluetooth, Bluetooth Low Energy (BLE)
logo
Suntsu Electronics, Inc...
SATOA-53H10F-WFB1 SUNTSU-SATOA-53H10F-WFB1 Datasheet
936Kb / 1P
IEEE802.11 (b/g/n)
SATPC-30A5AF-WFB1 SUNTSU-SATPC-30A5AF-WFB1 Datasheet
453Kb / 3P
IEEE802.11 (b/g/n)
SATPC-50F5AF-WFB1 SUNTSU-SATPC-50F5AF-WFB1 Datasheet
443Kb / 3P
IEEE802.11 (b/g/n)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com