Electronic Components Datasheet Search
  English  ▼

X  

MAX536 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX536
Description  Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX536 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX536 Datasheet HTML 1Page - Maxim Integrated Products MAX536 Datasheet HTML 2Page - Maxim Integrated Products MAX536 Datasheet HTML 3Page - Maxim Integrated Products MAX536 Datasheet HTML 4Page - Maxim Integrated Products MAX536 Datasheet HTML 5Page - Maxim Integrated Products MAX536 Datasheet HTML 6Page - Maxim Integrated Products MAX536 Datasheet HTML 7Page - Maxim Integrated Products MAX536 Datasheet HTML 8Page - Maxim Integrated Products MAX536 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MAX536B
Calibrated, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX536 (continued)
(VDD = +15V, VSS = -5V, REFAB/REFCD = 10V, AGND = DGND = 0V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Total Unadjusted Error
MAX536A
±1.0
LSB
MAX536B
±2.0
Gain Error
±0.1
±1.0
LSB
Offset Error
MAX536A
±1.2
±2.5
mV
±1.2
±5.0
Integral Nonlinearity
INL
±0.2
±1.0
LSB
Reference Input Range
REF
0.0
VDD – 4
V
Reference Input Resistance
RREF
Code dependent, minimum at code 555 hex
5
k
Ω
Reference Feedthrough
Input code = all 0s
-100
dB
-82
Input High Voltage
VIH
2.4
V
Input Low Voltage
VIL
0.8
V
Input Leakage Current
VIN = 0V or VDD
1.0
µA
Input Capacitance (Note 2)
10
pF
Output Low Voltage
VOL
SDO sinking 5mA
0.18
0.40
V
Output Leakage Current
SDO = 0V to VDD
±10
µA
Voltage-Output Slew Rate
5
V/
µs
TUE
MATCHING PERFORMANCE (TA = +25°C)
REFERENCE INPUT
VREF = 10Vp-p
at 400Hz
VREF = 10Vp-p
at 4kHz
Output Settling Time
To ±1⁄2LSB of full scale
3
µs
Digital Feedthrough
5
nV-s
Digital Crosstalk (Note 3)
VREF = 5V
8
nV-s
Positive Supply Range
VDD
10.8
16.5
V
Negative Supply Range
VSS
-4.5
-5.5
V
DIGITAL INPUTS (SDI, SCK, CS, LDAC)
DIGITAL OUTPUT (SDO)
DYNAMIC PERFORMANCE (RL = 5kΩ, CL = 100pF)
POWER SUPPLIES
IDD
TA = +25°C
8
18
mA
TA = TMIN to TMAX
25
Negative Supply Current
(Note 4)
ISS
TA = +25°C
-6
-16
TA = TMIN to TMAX
-23
mA
Positive Supply Current
(Note 4)
MULTIPLYING-MODE PERFORMANCE
Reference 3dB Bandwidth
kHz
700
VREF = 2Vp-p
Total Harmonic Distortion
Plus Noise
THD + N
VREF = 2.0Vp-p at 50kHz
0.012
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com