Electronic Components Datasheet Search
  English  ▼

X  

ST111 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # ST111
Description  HIGH RIPPLE-REJECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

ST111 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  ST111 Datasheet HTML 1Page - Seiko Instruments Inc ST111 Datasheet HTML 2Page - Seiko Instruments Inc ST111 Datasheet HTML 3Page - Seiko Instruments Inc ST111 Datasheet HTML 4Page - Seiko Instruments Inc ST111 Datasheet HTML 5Page - Seiko Instruments Inc ST111 Datasheet HTML 6Page - Seiko Instruments Inc ST111 Datasheet HTML 7Page - Seiko Instruments Inc ST111 Datasheet HTML 8Page - Seiko Instruments Inc ST111 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-T111 Series
Rev.3.1_00
Seiko Instruments Inc.
4
3. Product name list
Table 1
Output Voltage
Product Name
1.5V±1.0%
S-T111B15MC-OGATFx
1.6V±1.0%
S-T111B16MC-OGBTFx
1.7V±1.0%
S-T111B17MC-OGCTFx
1.8V±1.0%
S-T111B18MC-OGDTFx
1.9V±1.0%
S-T111B19MC-OGETFx
2.0V±1.0%
S-T111B20MC-OGFTFx
2.1V±1.0%
S-T111B21MC-OGGTFx
2.2V±1.0%
S-T111B22MC-OGHTFx
2.3V±1.0%
S-T111B23MC-OGITFx
2.4V±1.0%
S-T111B24MC-OGJTFx
2.5V±1.0%
S-T111B25MC-OGKTFx
2.6V±1.0%
S-T111B26MC-OGLTFx
2.7V±1.0%
S-T111B27MC-OGMTFx
2.8V±1.0%
S-T111B28MC-OGNTFx
2.9V±1.0%
S-T111B29MC-OGOTFx
3.0V±1.0%
S-T111B30MC-OGPTFx
3.1V±1.0%
S-T111B31MC-OGQTFx
3.2V±1.0%
S-T111B32MC-OGRTFx
3.3V±1.0%
S-T111B33MC-OGSTFx
3.4V±1.0%
S-T111B34MC-OGTTFx
3.5V±1.0%
S-T111B35MC-OGUTFx
3.6V±1.0%
S-T111B36MC-OGVTFx
3.7V±1.0%
S-T111B37MC-OGWTFx
3.8V±1.0%
S-T111B38MC-OGXTFx
3.9V±1.0%
S-T111B39MC-OGYTFx
4.0V±1.0%
S-T111B40MC-OGZTFx
4.1V±1.0%
S-T111B41MC-OHATFx
4.2V±1.0%
S-T111B42MC-OHBTFx
4.3V±1.0%
S-T111B43MC-OHCTFx
4.4V±1.0%
S-T111B44MC-OHDTFx
4.5V±1.0%
S-T111B45MC-OHETFx
4.6V±1.0%
S-T111B46MC-OHFTFx
4.7V±1.0%
S-T111B47MC-OHGTFx
4.8V±1.0%
S-T111B48MC-OHHTFx
4.9V±1.0%
S-T111B49MC-OHITFx
5.0V±1.0%
S-T111B50MC-OHJTFx
5.1V±1.0%
S-T111B51MC-OHKTFx
5.2V±1.0%
S-T111B52MC-OHLTFx
5.3V±1.0%
S-T111B53MC-OHMTFx
5.4V±1.0%
S-T111B54MC-OHNTFx
5.5V±1.0%
S-T111B55MC-OHOTFx
Remark 1. Please contact our sales office for products with type A.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com