Electronic Components Datasheet Search
  English  ▼

X  

ST111 Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # ST111
Description  HIGH RIPPLE-REJECTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

ST111 Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button ST111 Datasheet HTML 11Page - Seiko Instruments Inc ST111 Datasheet HTML 12Page - Seiko Instruments Inc ST111 Datasheet HTML 13Page - Seiko Instruments Inc ST111 Datasheet HTML 14Page - Seiko Instruments Inc ST111 Datasheet HTML 15Page - Seiko Instruments Inc ST111 Datasheet HTML 16Page - Seiko Instruments Inc ST111 Datasheet HTML 17Page - Seiko Instruments Inc ST111 Datasheet HTML 18Page - Seiko Instruments Inc ST111 Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_00
S-T111 Series
Seiko Instruments Inc.
15
(3) Dropout voltage vs. Output current
S-T111B15
S-T111B30
–40°C
25°C
85°C
0
50
100
150
200
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
–40°C
25°C
85°C
0
50
100
150
200
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
IOUT [mA]
IOUT [mA]
S-T111B50
25°C
0
50
100
150
200
–40°C
85°C
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
IOUT [mA]
(4) Dropout voltage vs. Set output voltage
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
7
1
2
3
4
5
6
0
100 mA
150 mA
50 mA
30 mA
10 mA
VOUT(S) [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com