Electronic Components Datasheet Search
  English  ▼

X  

S1711 Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S1711
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1711 Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S1711 Datasheet HTML 28Page - Seiko Instruments Inc S1711 Datasheet HTML 29Page - Seiko Instruments Inc S1711 Datasheet HTML 30Page - Seiko Instruments Inc S1711 Datasheet HTML 31Page - Seiko Instruments Inc S1711 Datasheet HTML 32Page - Seiko Instruments Inc S1711 Datasheet HTML 33Page - Seiko Instruments Inc S1711 Datasheet HTML 34Page - Seiko Instruments Inc S1711 Datasheet HTML 35Page - Seiko Instruments Inc S1711 Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1711 Series
Rev.3.1_00
Seiko Instruments Inc.
32
3. ON / OFF Pin Transient Response Characteristics (Ta = 25°C)
VOUT = 1.5 V
VIN = 2.5 V, CLn = 1.0
μF, CIN = 1.0 μF, IOUT = 100 mA
VOUT = 3.0 V
VIN = 4.0 V, CLn = 1.0
μF, CIN = 1.0 μF, IOUT = 100 mA
-50
2.5
2.0
1.5
1.0
0.5
0
-0.5
t [
μs]
0
50
100
150
200
VOUT
VON/OFF
3.0
3.5
3
1
0
-1
-5
-4
-3
-2
2
-50
5
4
3
2
1
0
-1
t [
μs]
0
50
100
150
200
VOUT
VON/OFF
6
7
6
2
0
-2
-10
-8
-6
-4
4
VOUT = 5.0 V
VIN = 6.0 V, CLn = 1.0
μF, CIN = 1.0 μF, IOUT = 100 mA
-50
12.5
10.0
7.5
5.0
2.5
0
-2.5
t [
μs]
0
50
100
150
200
VOUT
VON/OFF
15.0
17.5
8
4
2
0
-8
-6
-4
-2
6
4. Output Capacitance vs. Discharge Time Characteristics (Ta = 25°C)
S-1711 Series A / B type (with discharge shunt function)
VIN = VOUT + 1.0 V, IOUT = no load,
VON/OFF = VOUT + 1.0 V
→ VSS, tf = 1 μs
0
2.5
2.0
1.5
1.0
0.5
0
CLn [
μF]
26
8
10
12
3.0
3.5
4
VOUT(S) = 5.0 V
VOUT(S) = 1.5 V
VOUT(S) = 3.0 V
VOUT
VON/OFF
1
μs
tDSC
VOUT
× 10%
VSS
VIN = VOUT + 1.0 V
VON/OFF = VOUT + 1.0 V
→ VSS
Figure 27
Figure 28 Measurement Condition of Discharge Time
Remark CLn: Output capacitor set to the VOUTn pin externally (n = 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com