Electronic Components Datasheet Search
  English  ▼

X  

S1711 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S1711
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1711 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S1711 Datasheet HTML 9Page - Seiko Instruments Inc S1711 Datasheet HTML 10Page - Seiko Instruments Inc S1711 Datasheet HTML 11Page - Seiko Instruments Inc S1711 Datasheet HTML 12Page - Seiko Instruments Inc S1711 Datasheet HTML 13Page - Seiko Instruments Inc S1711 Datasheet HTML 14Page - Seiko Instruments Inc S1711 Datasheet HTML 15Page - Seiko Instruments Inc S1711 Datasheet HTML 16Page - Seiko Instruments Inc S1711 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_00
S-1711 Series
Seiko Instruments Inc.
13
4. 7 S-1711 Series G type
ON/OFF logic:
Active “L”
Pull-up Resistor:
Available
Discharge Shunt Function: None
Pull-down Resistor:
None
Table 8
Voltage Regulator 1
Output Voltage
Voltage Regulator 2
Output Voltage
SNT-6A
SOT-23-6
2.8 V
±1.0%
3.0 V
±1.0%
S-1711G2830-I6T1U
⎯
4. 8 S-1711 Series H type
ON/OFF logic:
Active “L”
Pull-up Resistor:
None
Discharge Shunt Function: None
Pull-down Resistor:
None
Table 9
Voltage Regulator 1
Output Voltage
Voltage Regulator 2
Output Voltage
SNT-6A
SOT-23-6
2.5 V
±1.0%
1.8 V
±1.0%
⎯
S-1711H2518-M6T1x
Remark 1. Please contact our sales office for products with specifications other than the above.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com