Electronic Components Datasheet Search
  English  ▼

X  

CC3100 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC3100 Datasheet HTML 9Page - Texas Instruments CC3100 Datasheet HTML 10Page - Texas Instruments CC3100 Datasheet HTML 11Page - Texas Instruments CC3100 Datasheet HTML 12Page - Texas Instruments CC3100 Datasheet HTML 13Page - Texas Instruments CC3100 Datasheet HTML 14Page - Texas Instruments CC3100 Datasheet HTML 15Page - Texas Instruments CC3100 Datasheet HTML 16Page - Texas Instruments CC3100 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
TX power level setting
19.00
17.00
15.00
13.00
11.00
9.00
7.00
5.00
3.00
1.00
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
54 OFDM
280.00
264.40
249.00
233.30
218.00
202.00
186.70
171.00
155.60
140.00
Color by
TX Power (dBm)
IBAT (VBAT @ 3.6 V)
CC3100
www.ti.com
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
Figure 4-5. TX Power and IBAT vs TX Power Level Settings (54 OFDM)
4.10 Thermal Characteristics for RGC Package
AIR FLOW
PARAMETER
0 lfm (C/W)
150 lfm (C/W)
250 lfm (C/W)
500 lfm (C/W)
θja
23
14.6
12.4
10.8
Ψjt
0.2
0.2
0.3
0.1
Ψjb
2.3
2.3
2.2
2.4
θjc
6.3
θjb
2.4
4.11 Timing and Switching Characteristics
4.11.1 Power Supply Sequencing
For proper operation of the CC3100 device, perform the recommended power-up sequencing as follows:
1. Tie VBAT (pins 37, 39, 44) and VIO (pins 54 and 10) together on the board.
2. Hold the RESET pin low while the supplies are ramping up. TI recommends using a simple RC circuit (100K ||
0.1 µF, RC = 10 ms).
3. For an external RTC clock, ensure that the clock is stable before RESET is deasserted (high).
For timing diagrams, see Section 4.11.2, Reset Timing.
4.11.2 Reset Timing
4.11.2.1 nRESET (32K XTAL)
Figure 4-6 shows the reset timing diagram for the 32K XTAL first-time power-up and reset removal.
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
13
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com