Electronic Components Datasheet Search
  English  ▼

X  

CC3100 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Datasheet(HTML) 2 Page - Texas Instruments

  CC3100 Datasheet HTML 1Page - Texas Instruments CC3100 Datasheet HTML 2Page - Texas Instruments CC3100 Datasheet HTML 3Page - Texas Instruments CC3100 Datasheet HTML 4Page - Texas Instruments CC3100 Datasheet HTML 5Page - Texas Instruments CC3100 Datasheet HTML 6Page - Texas Instruments CC3100 Datasheet HTML 7Page - Texas Instruments CC3100 Datasheet HTML 8Page - Texas Instruments CC3100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
CC3100
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
www.ti.com
1.2
Applications
•
For Internet-of-Things applications, such as:
–
Cloud Connectivity
–
Internet Gateway
–
Home Automation
–
Industrial Control
–
Home Appliances
–
Smart Plug and Metering
–
Access Control
–
Wireless Audio
–
Security Systems
–
IP Network Sensor Nodes
–
Smart Energy
1.3
Description
Connect any low-cost, low-power microcontroller (MCU) to the Internet of Things (IoT). The CC3100
device is the industry's first Wi-Fi CERTIFIED chip used in the wireless networking solution. The CC3100
device is part of the new SimpleLink Wi-Fi family that dramatically simplifies the implementation of Internet
connectivity. The CC3100 device integrates all protocols for Wi-Fi and Internet, which greatly minimizes
host MCU software requirements. With built-in security protocols, the CC3100 solution provides a robust
and simple security experience. Additionally, the CC3100 device is a complete platform solution including
various tools and software, sample applications, user and programming guides, reference designs and the
TI E2E™ support community. The CC3100 device is available in an easy-to-layout QFN package.
The Wi-Fi network processor subsystem features a Wi-Fi Internet-on-a-Chip and contains an additional
dedicated ARM MCU that completely offloads the host MCU. This subsystem includes an 802.11 b/g/n
radio, baseband, and MAC with a powerful crypto engine for fast, secure Internet connections with 256-bit
encryption. The CC3100 device supports Station, Access Point, and Wi-Fi Direct modes. The device also
supports WPA2 personal and enterprise security and WPS 2.0. This subsystem includes embedded
TCP/IP and TLS/SSL stacks, HTTP server, and multiple Internet protocols.
The power-management subsystem includes integrated DC-DC converters supporting a wide range of
supply voltages. This subsystem enables low-power consumption modes, such as the hibernate with RTC
mode requiringabout 4
μA of current.
The CC3100 device can connect to any 8, 16, or 32-bit MCU over the SPI or UART Interface. The device
driver minimizes the host memory footprint requirements requiring less than 7KB of code memory and 700
B of RAM memory for a TCP client application.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC3100R11MRGCR/T
QFN (64)
9.0 mm x 9.0 mm
(1)
For all available packages, see the orderable addendum at the end of the datasheet.
2
Device Overview
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com