Electronic Components Datasheet Search
  English  ▼

X  

MAX5413 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5413
Description  Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5413 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5413 Datasheet HTML 1Page - Maxim Integrated Products MAX5413 Datasheet HTML 2Page - Maxim Integrated Products MAX5413 Datasheet HTML 3Page - Maxim Integrated Products MAX5413 Datasheet HTML 4Page - Maxim Integrated Products MAX5413 Datasheet HTML 5Page - Maxim Integrated Products MAX5413 Datasheet HTML 6Page - Maxim Integrated Products MAX5413 Datasheet HTML 7Page - Maxim Integrated Products MAX5413 Datasheet HTML 8Page - Maxim Integrated Products MAX5413 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Dual, 256-Tap, Low-Drift, Digital Potentiometers
in 14-Pin TSSOP
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, unless otherwise noted. VH = VDD, VL = 0, TA = TMIN to TMAX. Typical values are at VDD = +5V, TA = +25°C,
unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
DIN, SCLK, CS .........................................................-0.3V to +6V
HX, LX, WX to GND ........................................-0.3V to (VDD +0.3)
Maximum Continuous Current into HX, LX, and WX............±1mA
Continuous Power Dissipation (TA = +70°C)
14-Pin TSSOP (derate 9.1mW/°C above +70°C) .........727mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE (Voltage-Divider Mode)
Resolution
N
8
Bits
Integral Nonlinearity (Notes 1, 2)
INL
±1/2
LSB
Differential Nonlinearity (Notes 1, 2)
DNL
±1/2
LSB
End-to-End Resistor Tempco
TCR
35
ppm/
°C
Ratiometric Resistor Tempco
5
ppm/
°C
MAX5413
-8
MAX5414
-1.6
Full-Scale Error
MAX5415
0.8
LSB
MAX5413
+8
MAX5414
+1.6
Zero-Scale Error
MAX5415
+0.8
LSB
DC PERFORMANCE (Variable-Resistor Mode)
Resolution
N
8
Bits
VDD = +5V
±1
LSB
MAX5413
±3
MAX5414
±1.5
Integral Nonlinearity (Notes 1, 3)
INL
VDD = +3V
MAX5415
±1.5
LSB
VDD = +5V
Differential Nonlinearity
(Notes 1, 3)
DNL
VDD = +3V
±1/2
LSB
DC PERFORMANCE (Resistor Characteristics)
VDD = +5V
275
Wiper Resistance (Note 4)
RW
VDD = +3V
550
Ω
MAX5413
50
Wiper Capacitance
CW
MAX5414/MAX5415
30
pF
MAX5413
7.5
10
12.5
MAX5414
37.5
50
62.5
End-to-End Resistance
RHL
MAX5415
75
100
125
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com