Electronic Components Datasheet Search
  English  ▼

X  

S1315 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S1315
Description  LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1315 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S1315 Datasheet HTML 2Page - Seiko Instruments Inc S1315 Datasheet HTML 3Page - Seiko Instruments Inc S1315 Datasheet HTML 4Page - Seiko Instruments Inc S1315 Datasheet HTML 5Page - Seiko Instruments Inc S1315 Datasheet HTML 6Page - Seiko Instruments Inc S1315 Datasheet HTML 7Page - Seiko Instruments Inc S1315 Datasheet HTML 8Page - Seiko Instruments Inc S1315 Datasheet HTML 9Page - Seiko Instruments Inc S1315 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS CMOS VOLTAGE REGULATOR
S-1315 Series
Rev.1.2_00
Seiko Instruments Inc.
6
4. 2 S-1315 Series B type
ON / OFF logic:
Active "H"
Discharge shunt function:
Available
Constant current source pull-down: Unavailable
Table 4
Output Voltage
SOT-23-5
HSNT-6 (1212)
1.0 V
± 15 mV
S-1315B10-M5T1U3
S-1315B10-A6T2U3
1.1 V
± 15 mV
S-1315B11-M5T1U3
S-1315B11-A6T2U3
1.2 V
± 15 mV
S-1315B12-M5T1U3
S-1315B12-A6T2U3
1.3 V
± 15 mV
S-1315B13-M5T1U3
S-1315B13-A6T2U3
1.4 V
± 15 mV
S-1315B14-M5T1U3
S-1315B14-A6T2U3
1.5 V
± 1.0%
S-1315B15-M5T1U3
S-1315B15-A6T2U3
1.6 V
± 1.0%
S-1315B16-M5T1U3
S-1315B16-A6T2U3
1.7 V
± 1.0%
S-1315B17-M5T1U3
S-1315B17-A6T2U3
1.8 V
± 1.0%
S-1315B18-M5T1U3
S-1315B18-A6T2U3
1.85 V
± 1.0%
S-1315B1J-M5T1U3
S-1315B1J-A6T2U3
1.9 V
± 1.0%
S-1315B19-M5T1U3
S-1315B19-A6T2U3
2.0 V
± 1.0%
S-1315B20-M5T1U3
S-1315B20-A6T2U3
2.1 V
± 1.0%
S-1315B21-M5T1U3
S-1315B21-A6T2U3
2.2 V
± 1.0%
S-1315B22-M5T1U3
S-1315B22-A6T2U3
2.3 V
± 1.0%
S-1315B23-M5T1U3
S-1315B23-A6T2U3
2.4 V
± 1.0%
S-1315B24-M5T1U3
S-1315B24-A6T2U3
2.5 V
± 1.0%
S-1315B25-M5T1U3
S-1315B25-A6T2U3
2.6 V
± 1.0%
S-1315B26-M5T1U3
S-1315B26-A6T2U3
2.7 V
± 1.0%
S-1315B27-M5T1U3
S-1315B27-A6T2U3
2.8 V
± 1.0%
S-1315B28-M5T1U3
S-1315B28-A6T2U3
2.85 V
± 1.0%
S-1315B2J-M5T1U3
S-1315B2J-A6T2U3
2.9 V
± 1.0%
S-1315B29-M5T1U3
S-1315B29-A6T2U3
3.0 V
± 1.0%
S-1315B30-M5T1U3
S-1315B30-A6T2U3
3.1 V
± 1.0%
S-1315B31-M5T1U3
S-1315B31-A6T2U3
3.2 V
± 1.0%
S-1315B32-M5T1U3
S-1315B32-A6T2U3
3.3 V
± 1.0%
S-1315B33-M5T1U3
S-1315B33-A6T2U3
3.4 V
± 1.0%
S-1315B34-M5T1U3
S-1315B34-A6T2U3
3.5 V
± 1.0%
S-1315B35-M5T1U3
S-1315B35-A6T2U3
3.6 V
± 1.0%
S-1315B36-M5T1U3
S-1315B36-A6T2U3
3.7 V
± 1.0%
S-1315B37-M5T1U3
S-1315B37-A6T2U3
3.8 V
± 1.0%
S-1315B38-M5T1U3
S-1315B38-A6T2U3
3.9 V
± 1.0%
S-1315B39-M5T1U3
S-1315B39-A6T2U3
4.0 V
± 1.0%
S-1315B40-M5T1U3
S-1315B40-A6T2U3
4.1 V
± 1.0%
S-1315B41-M5T1U3
S-1315B41-A6T2U3
4.2 V
± 1.0%
S-1315B42-M5T1U3
S-1315B42-A6T2U3
Remark Please contact our sales office for products with specifications other than the above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com