Electronic Components Datasheet Search
  English  ▼

X  

S1315 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S1315
Description  LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1315 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S1315 Datasheet HTML 8Page - Seiko Instruments Inc S1315 Datasheet HTML 9Page - Seiko Instruments Inc S1315 Datasheet HTML 10Page - Seiko Instruments Inc S1315 Datasheet HTML 11Page - Seiko Instruments Inc S1315 Datasheet HTML 12Page - Seiko Instruments Inc S1315 Datasheet HTML 13Page - Seiko Instruments Inc S1315 Datasheet HTML 14Page - Seiko Instruments Inc S1315 Datasheet HTML 15Page - Seiko Instruments Inc S1315 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS CMOS VOLTAGE REGULATOR
S-1315 Series
Rev.1.2_00
Seiko Instruments Inc.
12
Electrical Characteristics
Table 11
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = VOUT(S)
+ 1.0 V,
IOUT = 30 mA
1.0 V
≤ VOUT(S) < 1.5 V
VOUT(S)
− 0.015
VOUT(S)
VOUT(S)
+ 0.015
V
1
1.5 V
≤ VOUT(S) ≤ 4.2 V
VOUT(S)
× 0.99
VOUT(S)
VOUT(S)
× 1.01
V
1
Output current
*2
IOUT
VIN
≥ VOUT(S) + 1.0 V
200
*5
−
−
mA
3
Dropout voltage
*3
Vdrop
IOUT = 200 mA
1.0 V
≤ VOUT(S) < 1.1 V
−
0.629
0.844
V
1
1.1 V
≤ VOUT(S) < 1.2 V
−
0.554
0.744
V
1
1.2 V
≤ VOUT(S) < 1.5 V
−
0.485
0.665
V
1
1.5 V
≤ VOUT(S) < 2.0 V
−
0.371
0.486
V
1
2.0 V
≤ VOUT(S) < 2.6 V
−
0.272
0.344
V
1
2.6 V
≤ VOUT(S) ≤ 4.2 V
−
0.224
0.280
V
1
Line regulation
ΔVIN • VOUT
ΔVOUT1
VOUT(S)
+ 0.5 V ≤ VIN ≤ 5.5 V, IOUT = 30 mA
−
0.05
0.2
%/V
1
Load regulation
ΔVOUT2
VIN = VOUT(S)
+ 1.0 V, 1 mA ≤ IOUT ≤ 200 mA
−
25
50
mV
1
Output voltage
temperature coefficient
*4
ΔTa • VOUT
ΔVOUT
VIN = VOUT(S)
+ 1.0 V, IOUT = 30 mA
−40°C ≤ Ta ≤ +85°C
−
±100
−
ppm/
°C1
Current consumption
during operation
ISS1
VIN = VOUT(S)
+ 1.0 V, ON / OFF pin = ON, no load
−
7.0
13
μA
2
Current consumption
during power-off
ISS2
VIN = VOUT(S)
+ 1.0 V, ON / OFF pin = OFF, no load
−
0.1
1.0
μA
2
Input voltage
VIN
−
1.4
−
5.5
V
−
ON / OFF pin input voltage "H"
VSH
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ
determined by VOUT output level
1.0
−
−
V
4
ON / OFF pin input voltage "L"
VSL
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ
determined by VOUT output level
−
−
0.30
V
4
ON / OFF pin input current "H"
ISH
VIN = 5.5 V,
VON / OFF = 5.5 V
A / C type
(with constant current source
pull-down)
−
0.1
−
μA
4
B / D type
(without constant current
source pull-down)
−0.1
−
0.1
μA
4
ON / OFF pin input current "L"
ISL
VIN = 5.5 V, VON / OFF = 0 V
−0.1
−
0.1
μA
4
Ripple rejection
RR
VIN = VOUT(S)
+ 1.0 V,
f = 1.0 kHz,
ΔVrip = 0.2 Vrms,
IOUT = 30 mA
1.0 V
≤ VOUT(S) ≤ 1.2 V
−
65
−
dB
5
1.2 V
< VOUT(S) ≤ 2.8 V
−
60
−
dB
5
2.8 V
< VOUT(S) ≤ 4.2 V
−
55
−
dB
5
Short-circuit current
Ishort
VIN = VOUT(S)
+ 1.0 V, ON / OFF pin = ON, VOUT = 0 V
−
50
−
mA
3
"L" output Nch ON resistance
RLOW
VIN = 5.5 V,
VOUT = 0.1 V
A / B type
(with discharge shunt function)
−
30
−
Ω
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com