Electronic Components Datasheet Search
  English  ▼

X  

S1167 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S1167
Description  ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1167 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S1167 Datasheet HTML 13Page - Seiko Instruments Inc S1167 Datasheet HTML 14Page - Seiko Instruments Inc S1167 Datasheet HTML 15Page - Seiko Instruments Inc S1167 Datasheet HTML 16Page - Seiko Instruments Inc S1167 Datasheet HTML 17Page - Seiko Instruments Inc S1167 Datasheet HTML 18Page - Seiko Instruments Inc S1167 Datasheet HTML 19Page - Seiko Instruments Inc S1167 Datasheet HTML 20Page - Seiko Instruments Inc S1167 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_00
S-1167 Series
Seiko Instruments Inc.
17
3. Dropout Voltage vs. Output Current
S-1167B15
S-1167B30
0
50
100
150
200
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
IOUT [mA]
Ta = 85 C
25 C
40 C
0
50
100
150
200
0.30
0.25
0.20
0.15
0.10
0.05
0
IOUT [mA]
Ta = 85 C
25 C
40 C
S-1167B50
0
50
100
150
200
0.25
0.20
0.15
0.10
0.05
0
IOUT [mA]
Ta = 85 C
25 C
40 C
4. Dropout Voltage vs. Set Output Voltage
01
2
3
5
46
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
VOUT(S) [V]
IOUT=150 mA
100 mA
50 mA
30 mA
10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com