Electronic Components Datasheet Search
  English  ▼

X  

S11L10 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S11L10
Description  SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S11L10 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S11L10 Datasheet HTML 17Page - Seiko Instruments Inc S11L10 Datasheet HTML 18Page - Seiko Instruments Inc S11L10 Datasheet HTML 19Page - Seiko Instruments Inc S11L10 Datasheet HTML 20Page - Seiko Instruments Inc S11L10 Datasheet HTML 21Page - Seiko Instruments Inc S11L10 Datasheet HTML 22Page - Seiko Instruments Inc S11L10 Datasheet HTML 23Page - Seiko Instruments Inc S11L10 Datasheet HTML 24Page - Seiko Instruments Inc S11L10 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.2_00
S-11L10 Series
Seiko Instruments Inc.
21
5. Output Voltage vs. Ambient Temperature
5. 1 VOUT = 0.8 V
5. 2 VOUT = 1.5 V
−40
0.76
Ta [
°C]
0.84
0.78
0.80
0.82
85
−25
25
0
75
50
−40
1.40
Ta [
°C]
1.60
1.45
1.50
1.55
85
−25
25
0
75
50
5. 3 VOUT = 3.3 V
−40
3.0
Ta [
°C]
3.5
3.4
3.1
3.2
3.3
85
−25
25
0
75
50
6. Current Consumption vs. Input Voltage
6. 1 VOUT = 0.8 V
6. 2 VOUT = 1.5 V
0
0
VIN [V]
12
4
2
8
6
10
4.0
1.0 1.5
0.5
3.0 3.5
2.5
2.0
Ta = 85
°C
25
°C
−40°C
0
0
VIN [V]
12
4
2
8
6
10
4.0
1.0 1.5
0.5
3.0 3.5
2.5
2.0
Ta = 85
°C
25
°C
−40°C
6. 3 VOUT = 3.3 V
0
0
VIN [V]
12
4
2
8
6
10
4.0
1.0 1.5
0.5
3.0 3.5
2.5
2.0
Ta = 85
°C
25
°C
−40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com