Electronic Components Datasheet Search
  English  ▼

X  

S11L10 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S11L10
Description  SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S11L10 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S11L10 Datasheet HTML 9Page - Seiko Instruments Inc S11L10 Datasheet HTML 10Page - Seiko Instruments Inc S11L10 Datasheet HTML 11Page - Seiko Instruments Inc S11L10 Datasheet HTML 12Page - Seiko Instruments Inc S11L10 Datasheet HTML 13Page - Seiko Instruments Inc S11L10 Datasheet HTML 14Page - Seiko Instruments Inc S11L10 Datasheet HTML 15Page - Seiko Instruments Inc S11L10 Datasheet HTML 16Page - Seiko Instruments Inc S11L10 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.2_00
S-11L10 Series
Seiko Instruments Inc.
13
6. Output voltage temperature coefficient
ΔVOUT
ΔTa•VOUT
The shaded area in Figure 12 is the range where VOUT varies in the operation temperature range when the output
voltage temperature coefficient is
±150 ppm/°C.
VOUT(E)
*1
Example of S-11L10B10 typ. product
−40
+25
+0.15 mV/°C
VOUT
[V]
*1. VOUT(E) is the value of the output voltage measured at Ta =
+25°C.
+85
Ta [
°C]
−0.15 mV/°C
Figure 12
A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
ΔVOUT
ΔTa []
mV/°C
*1 = V
OUT(S)[]
V
*2 ×
ΔVOUT
ΔTa•VOUT []
ppm/°C
*3 ÷ 1000
*1.
Change in temperature of output voltage
*2.
Set output voltage
*3.
Output voltage temperature coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com