Electronic Components Datasheet Search
  English  ▼

X  

MAX555 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX555
Description  300Msps, 12-Bit DAC with Complementary Voltage Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX555 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX555 Datasheet HTML 1Page - Maxim Integrated Products MAX555 Datasheet HTML 2Page - Maxim Integrated Products MAX555 Datasheet HTML 3Page - Maxim Integrated Products MAX555 Datasheet HTML 4Page - Maxim Integrated Products MAX555 Datasheet HTML 5Page - Maxim Integrated Products MAX555 Datasheet HTML 6Page - Maxim Integrated Products MAX555 Datasheet HTML 7Page - Maxim Integrated Products MAX555 Datasheet HTML 8Page - Maxim Integrated Products MAX555 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
300Msps, 12-Bit DAC with
Complementary Voltage Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVEE = DVEE = -5.2V, VREF = 1.000V, TMIN to TMAX = 0°C to +70°C, unless otherwise noted.) (Note 2.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Typical thermal resistance, junction-to-case R
θJC = 28°C/W. See Package Information.
Analog Supply Voltage (AVEE) .................................-7V to +0.3V
Digital Supply Voltage (DVEE) ..................................-7V to +0.3V
Digital Input Voltage (D0–D11) ...................................-5.5V to 0V
Reference Input Voltage (VIN) .................................0V to +1.25V
Reference Input Current....................................0mA to +1.56mA
Output Compliance Voltage (VOC)......................-1.25V to +1.0V
Output Common-Mode Voltage (VCM) ................-0.25V to +1.0V
Continuous Power Dissipation (TA = +70°C)
(without additional heatsink) ..............................................1.3W
Operating Temperature Range...............................0°C to +70°C
Junction Temperature Range (Note 1) .................0°C to +150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VREF = 1.000V, current out, into
virtual ground, end-point linearity
Major carry, TA = +25°C
10% to 90%, TA = +25°C
90% to 10%, TA = +25°C
VREF = 1.000V, voltage out, VOUT/VIN (Note 3)
±0.024% FSR, 1LSB change
D0–D11 = logic 1, VREF = 1.000V,
measured at VOUT
±0.1% FSR
CONDITIONS
ns
15
Settling Time
4
% Full
Scale
-0.05
±0.01
0.05
DLE2
Differential Linearity Error
-0.012
±0.003
0.012
DLE1
pVs
5.6
Glitch Energy
ps
450
tRISE
Rise Time
ps
510
tFALL
Fall Time
% Full
Scale
-1.0
±0.2
1.0
EG
Absolute Gain Error
Guaranteed
12-Bit Monotonicity
µA
40
100
IOS
Output Offset Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VOUT
VOUT
VREF = 1.000V, current out, into
virtual ground, end-point linearity
VOUT
% Full
Scale
-0.05
±0.01
0.05
ILE2
Integral Linearity Error
VOUT
-0.012
±0.006
0.012
ILE1
D0–D11 = logic 0, VREF = 0V,
measured at VOUT
µA
350
ILEAK
Output Leakage Current
fOUT = 5MHz, fCLK = 50MHz
70
fOUT = 20MHz, fCLK = 100MHz
fOUT = 10MHz, fCLK = 50MHz
65
70
fOUT = 30MHz, fCLK = 200MHz
fOUT = 30MHz, fCLK = 100MHz
56
60
fOUT = 40MHz, fCLK = 200MHz
53
dBc
fOUT = 40MHz, fCLK = 250MHz
52
fOUT = 40MHz, fCLK = 300MHz
fOUT = 50MHz, fCLK = 250MHz
52
51
fOUT = 50MHz, fCLK = 300MHz
Spurious-Free Dynamic Range
51
nV
√Hz
Bits 0–11 high, TA = +25°C
10.6
Output Noise
DC ACCURACY
TIME-DOMAIN PERFORMANCE (Note 4)
DYNAMIC PERFORMANCE (Notes 4, 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com