Electronic Components Datasheet Search
  English  ▼

X  

MAX555 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX555
Description  300Msps, 12-Bit DAC with Complementary Voltage Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX555 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX555 Datasheet HTML 1Page - Maxim Integrated Products MAX555 Datasheet HTML 2Page - Maxim Integrated Products MAX555 Datasheet HTML 3Page - Maxim Integrated Products MAX555 Datasheet HTML 4Page - Maxim Integrated Products MAX555 Datasheet HTML 5Page - Maxim Integrated Products MAX555 Datasheet HTML 6Page - Maxim Integrated Products MAX555 Datasheet HTML 7Page - Maxim Integrated Products MAX555 Datasheet HTML 8Page - Maxim Integrated Products MAX555 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
300Msps, 12-Bit DAC with
Complementary Voltage Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVEE = DVEE = -5.2V, VREF = 1.000V, TMIN to TMAX = 0°C to +70°C, unless otherwise noted.) (Note 2.)
AVEE = DVEE = -5.2V
AVEE = DVEE = -5.2V
VIL = -1.95V
VOUT, VOUT
VOUT, VOUT
VIH = -0.75V
VREF = 1.000V, RL = 0Ω
TA = +25°C
TA = +25°C
Bypass = 1, transparent mode (Notes 4, 7)
Bypass = 1, transparent mode (Notes 4, 7)
-3dB
VREF = 1.000V
Bypass = 0, clocked mode (Notes 4, 7)
Bypass = 0, clocked mode (Notes 4, 7)
Bypass = 0, clocked mode (Notes 4, 7)
Bypass = 1, transparent mode (Notes 4, 7)
CONDITIONS
mA
110
150
190
DIEE
Digital Power-Supply Current
mA
30
46
60
AIEE
Analog Power-Supply Current
pF
15
COUT
Output Capacitance
Ω
49.5
50.0
50.5
ROUT
Output Resistance
mA
19.0
20.0
21.0
IOUT
Full-Scale Output Current
µV
-250
0
250
VOS
Input Offset Voltage
kV/V
320
AVOL
Open-Loop Gain
MHz
10
BW
Multiplying Input Bandwidth
Ω
775
800
825
RIN
Amplifier Input Resistance
ps
600
tDD
MSBs Decode Delay
µA
12
IIL
Input Current, Logic Low
µA
10
200
IIH
Input Current, Logic High
ns
2.1
tPD1
MSBs Data-to-VOUT
Propagation Delay
ns
1.5
tPD2
LSBs Data-to-VOUT
Propagation Delay
ns
2.0
tPD3
Clock-to-VOUT
Propagation Delay
ns
1.8
tHOLD
Data-to-Clock Hold Time
V
-1.1
-0.75
0
VIH
Logic "1" Voltage
V
-2.0
-1.95
-1.48
VIL
Logic "0" Voltage
ps
1
tSU
Data-to-Clock Setup Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
W
0.98
1.3
PD
Power Dissipation
°C/W
28
TJA
Package Thermal Resistance,
Junction to Ambient
Note 2: All devices are 100% production tested at +25°C and are guaranteed by design for TA = TMIN to TMAX as specified.
Note 3: The gain-error method of calculation is shown below:
Definition:
[VMEASURE(FS) - VIDEAL(FS)] x 100
EG(%) = ––––––––––––––––––––––––––––––––––
VIDEAL(FS)
where FS indicates full-scale measurements.
EG Method:
EG = [(4096 / 4095) VMEASURE - 16(VREF / RIN) (ROUT)] x 100
–––––––––––––––––––––––––––––––––––––––––––––––––– %
16(VREF / RIN) (ROUT)
= [(4096 / 4095) VMEASURE - 1] x 100
––––––––––––––––––––––––––––––––- %
1
where: VREF = 1.000V, RIN = 800Ω, ROUT = 50Ω, VMEASURE = VOUT (FS).
Note 4: Dynamic and timing specifications are obtained from device characterization and simulation testing and are not production tested.
Note 5: Spurious-free dynamic range is measured from the fundamental frequency to any harmonic or non-harmonic spurs within
the bandwidth fCLK/2, unless otherwise specified.
Note 6: Guaranteed by design.
Note 7: Timing definitions are detailed in Figure 2.
Minimum data rate = DC (Note 6)
MHz
300
fD
Data Update Rate
DIGITAL INPUTS
CONTROL AMPLIFIER
OUTPUT PERFORMANCE
POWER SUPPLIES
DIGITAL TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com