Electronic Components Datasheet Search
  English  ▼

X  

MAX563 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX563
Description  3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX563 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX563 Datasheet HTML 1Page - Maxim Integrated Products MAX563 Datasheet HTML 2Page - Maxim Integrated Products MAX563 Datasheet HTML 3Page - Maxim Integrated Products MAX563 Datasheet HTML 4Page - Maxim Integrated Products MAX563 Datasheet HTML 5Page - Maxim Integrated Products MAX563 Datasheet HTML 6Page - Maxim Integrated Products MAX563 Datasheet HTML 7Page - Maxim Integrated Products MAX563 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
+3.3V-Powered, EIA/TIA-562 Dual Transceiver
with Receivers Active in Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Power Supply Ranges
Supply Voltage (VCC) ...........................................-0.3V to +6V
Input Voltages
TIN.........................................................-0.3V to (VCC -0.3V)
RIN ...............................................................................±25V
TOUT (Note 1)...................................................................±15V
Output Voltages
TOUT.............................................................................±15V
ROUT....................................................-0.3V to (VCC +0.3V)
Driver/Receiver Output Short Circuit to GND.........Continuous
Continuous Power Dissipation (TA = +70°C)
Plastic DIP ....................................................................889mW
Wide SO .......................................................................762mW
Operating Temperature Range...............................0°C to +70°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V, C1-C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Input Voltage Operating Range
SYMBOL
MIN
TYP
MAX
±25
UNITS
V
Input Threshold Low
VIL
0.4
Logic Pull-Up/Input Current
220
V
µA
Input Logic Threshold High
VIH
2.4
V
Input Threshold High
Output Leakage Current
±0.01
±10
µA
VIH
2.4
V
Transmitter Output Resistance
300
10M
Ω
Input Hysteresis
0.1
0.5
1.0
V
Input Resistance
Output Voltage Swing
RIN
35
7
k
Ω
Output Voltage Low
VOL
0.2
0.4
V
Output Voltage High
VOH
VCC-0.6 VCC-0.2
V
Output Leakage Current
±3.7
±4.5
V
±0.05
±10
µA
EN Input Threshold Low
Input Logic Threshold Low
VIL
0.6
V
VIL
0.6
V
EN Input Threshold High
VIH
2.4
V
CONDITIONS
VCC = 3.3V
SHDN = VCC
VCC = 3.6V, SHDN = 0V, VOUT = ±15V
VCC = 3.3V
VCC = V+ = V- = 0V, VOUT = ±2V
SHDN = VCC = 3.3V (no hysteresis when
SHDN = 0V)
IOUT = 3.2mA
IOUT = -0.5mA
All transmitter outputs loaded with 3k
Ω to
GND
EN = VCC, 0V ≤ VOUT ≤ VCC
Note 1: Input voltage measured with TOUT in high-impedance state. SHDN or VCC = 0V.
VCC = SHDN = 0V, VOUT = ±15V
±0.01
±10
SHDN = 0V
±0.01
±1
Data Rate
200
116
kbps
RL = 3kΩ, CL = 1000pF, TA = +25°C
Output Short-Circuit Current
VOUT = 0V
PARAMETER
±15
±60
mA
RS-562 TRANSMITTERS
RS-232/RS-562 RECEIVERS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com