Electronic Components Datasheet Search
  English  ▼

X  

MAX563 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX563
Description  3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX563 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX563 Datasheet HTML 1Page - Maxim Integrated Products MAX563 Datasheet HTML 2Page - Maxim Integrated Products MAX563 Datasheet HTML 3Page - Maxim Integrated Products MAX563 Datasheet HTML 4Page - Maxim Integrated Products MAX563 Datasheet HTML 5Page - Maxim Integrated Products MAX563 Datasheet HTML 6Page - Maxim Integrated Products MAX563 Datasheet HTML 7Page - Maxim Integrated Products MAX563 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
_______________________________________________________________________________________
7
+3.3V-Powered, EIA/TIA-562 Dual Transceiver
with Receivers Active in Shutdown
Table 1. Summary of EIA/TIA-232E/V.28 and EIA/TIA-562 Specifications
NAME
DB9 PIN
SYMBOL
5
9
Ring Indicator
GND
DB25 PIN
7
Signal Ground
1
DCD
RI
22
Received Line Signal Detector (some-
times called Data Carrier Detect)
6
2
RxD
DSR
Handshake from DCE
8
Data Set Ready
3
TxD
7
6
3
Receiver Data
2
Transmit Data
RTS
4
20
Request to Send
4
DTR
5
Data Terminal Ready
Clear to Send
8
CTS
FUNCTION
Reference point for signals
Handshake from DCE
Data from DCE
Handshake from DCE
Data from DTE
Handshake from DTE
Handshake from DTE
Handshake from DCE
CONDITION
PARAMETER
EIA/TIA-232E/V.28
SPECIFICATION
Maximum Input Level
Driver Output Resistance with Power Off
-2V < VOUT < 2V
±25V
5.0V to 15.0V
Driver Output Voltage
0 Level
1 Level
-5.0V to -15.0V
300
Ω
3k
Ω to 7kΩ load
Maximum Instantaneous Slew Rate
Maximum Output Level
±25V
30V/µs
300
Ω
Up to 20kbps
Signal Rate (3k
Ω≤ RL ≤ 7kΩ)
Not defined
Maximum Driver Output Short-Circuit
Current
No load
CL = 2500pF
CL = 1000pF
100mA
3.0V to 15.0V
Receiver Input Thresholds
0 Level
1 Level
-3.0V to -15.0V
V.28 1ms or 3% of the period
Transition Rate on Driver Output
RS-232 4% of the period
EIA/TIA-562
SPECIFICATION
±25V
3.7V to 13.2V
-3.7V to -13.2V
±13.2V
30V/µs
Up to 20kbps
Up to 64kbps
60mA
3.0V to 15.0V
-3.0V to -15.0V
4V/µs
Table 2. DB9/DB25 Cable Connections Commonly Used for EIA/TIA-232E, EIA/TIA-562 and V.24
Asynchronous Interfaces



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com