Electronic Components Datasheet Search
  English  ▼

X  

MAX563CWN Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX563CWN
Description  3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX563CWN Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX563CWN Datasheet HTML 1Page - Maxim Integrated Products MAX563CWN Datasheet HTML 2Page - Maxim Integrated Products MAX563CWN Datasheet HTML 3Page - Maxim Integrated Products MAX563CWN Datasheet HTML 4Page - Maxim Integrated Products MAX563CWN Datasheet HTML 5Page - Maxim Integrated Products MAX563CWN Datasheet HTML 6Page - Maxim Integrated Products MAX563CWN Datasheet HTML 7Page - Maxim Integrated Products MAX563CWN Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
+3.3V-Powered, EIA/TIA-562 Dual Transceiver
with Receivers Active in Shutdown
__________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.0V to 3.6V, C1-C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
SHDN Threshold Low
VIL
0.6
V
SHDN Input Leakage Current
0.1
±1
µA
Shutdown Supply Current
ICC
250
µA
0.1
10
SHDN Threshold High
VIH
2.4
V
38
VCC Supply Current
ICC
8
mA
Transition Slew Rate
46
30
V/µs
tPHLT
1.3
3.5
Transmitter Propagation Delay
tPLHT
1.5
3.5
µs
tPHLR
0.5
1.0
Receiver Propagation Delay
(Normal Operation)
tPLHR
0.6
1.0
µs
tPHLS
0.5
10.0
Receiver Propagation Delay
(Shutdown)
tPLHS
2.5
10.0
µs
Receiver-Output Enable Time
tER
125
500
ns
Receiver-Output Disable Time
tDR
160
500
ns
Transmitter-Output Enable
Time
tET
300
µs
Transmitter-Output Disable
Time
tDT
600
ns
CONDITIONS
CL = 50pF to 2500pF, RL = 3kΩ to 7kΩ,
VCC = 3.3V, TA = +25°C, measured from
+3V to -3V or -3V to +3V (Note 2)
Figure 1
Figure 2
Figure 3
Figure 3
Figure 4
No load
Figure 4
RL = 3kΩ on both outputs, inputs static
Includes charge pump start-up
Figure 5
Transmitter Propagation Delay
Skew
tPHLT –
tPLHT
300
ns
Receiver Propagation Delay
Skew (Normal Operation)
tPHLR –
tPLHR
100
ns
Operating Supply Voltage
VCC
3.0
3.6
V
TA = +25°C
TA = TMIN to TMAX
Note 2: Minimum slew rate is specified with CL = 1000pF for data rates above 20kbps, corresponding with EIA/TIA-562.
POWER SUPPLY
AC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com