Electronic Components Datasheet Search
  English  ▼

X  

MAX563CWN Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX563CWN
Description  3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX563CWN Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX563CWN Datasheet HTML 1Page - Maxim Integrated Products MAX563CWN Datasheet HTML 2Page - Maxim Integrated Products MAX563CWN Datasheet HTML 3Page - Maxim Integrated Products MAX563CWN Datasheet HTML 4Page - Maxim Integrated Products MAX563CWN Datasheet HTML 5Page - Maxim Integrated Products MAX563CWN Datasheet HTML 6Page - Maxim Integrated Products MAX563CWN Datasheet HTML 7Page - Maxim Integrated Products MAX563CWN Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
__________Applications Information
Charge-Pump Capacitor Selection
Normally, 0.1µF capacitors can be used for all loca-
tions. To reduce output ripple, increase the values of
the V+ and V- capacitors. If your capacitors have a
very wide tolerance, consider using a nominal value a
little larger than 0.1µF to ensure that the actual capaci-
tance does not fall below about 80nF. For circuits
designed to operate over a wide range of tempera-
tures, consider using slightly larger capacitors to com-
pensate for any loss of capacitance at temperature
extremes. No advantage is gained by using values
larger than 10µF.
Power-Supply Decoupling
Use a capacitor with the same value as the charge-
pump capacitors.
6
_______________________________________________________________________________________
+3.3V-Powered, EIA/TIA-562 Dual Transceiver
with Receivers Active in Shutdown
VCC - 0.6V
EN
INPUT
tER
0.5VCC
RECEIVER
OUTPUT
CL = 150pF
RECEIVER
OUTPUTS
tDR
VOH - 0.1V
VOL + 0.1V
RL = 1kΩ
+0.4V
0V
VCC
VCC
EN
INPUT
0V
+3V
0V
V+
V-
+3.7V
-3.7V
0V
1 OR 0
TX
3k
50pF
A. TIMING DIAGRAM
B. TEST CIRCUIT
tDT
SHDN
Figure 4. Receiver Output Enable and Disable Timing
Figure 5. Transmitter Output Disable Timing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com