Electronic Components Datasheet Search
  English  ▼

X  

9DB433 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 9DB433
Description  Spread Spectrum Compatible
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB433 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 9DB433 Datasheet HTML 2Page - Integrated Device Technology 9DB433 Datasheet HTML 3Page - Integrated Device Technology 9DB433 Datasheet HTML 4Page - Integrated Device Technology 9DB433 Datasheet HTML 5Page - Integrated Device Technology 9DB433 Datasheet HTML 6Page - Integrated Device Technology 9DB433 Datasheet HTML 7Page - Integrated Device Technology 9DB433 Datasheet HTML 8Page - Integrated Device Technology 9DB433 Datasheet HTML 9Page - Integrated Device Technology 9DB433 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
9DB433
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1,2,3
IDT®
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1,2,3
6
9DB433
REV G 08/25/15
Electrical Characteristics–Clock Input Parameters
Electrical Characteristics–Current Consumption
Electrical Characteristics–Output Duty Cycle, Jitter, Skew and PLL
Characterisitics
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input High Voltage - DIF_IN
VIHDIF
Differential inputs
(single-ended measurement)
600
800
1150
mV
1
Input Low Voltage - DIF_IN
VILDIF
Differential inputs
(single-ended measurement)
VSS - 300
0
300
mV
1
Input Common Mode
Voltage - DIF_IN
VCOM
Common Mode Input Voltage
300
1000
mV
1
Input Amplitude - DIF_IN
VSWING
Peak to Peak value (single-ended)
300
1450
mV
1
Input Slew Rate - DIF_IN
dv/dt
Measured differentially
1
8
V/ns
1,2
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
-0.02
5
uA
1
Input Duty Cycle
dtin
Measurement from differential waveform
45
50
55
%
1
Input Jitter - Cycle to Cycle
JDIFIn
Differential Measurement
0
125
ps
1
1 Guaranteed by design and characterization, not 100% tested in production.
2Slew rate measured through +/-75mV window centered around differential zero
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Operating Supply Current
IDD3.3OP
All outputs active @100MHz, CL = Full load;
170
200
mA
1
IDD3.3PD
All diff pairs driven
53
60
mA
1
IDD3.3PDZ
All differential pairs tri-stated
3
6
mA
1
1Guaranteed by design and characterization, not 100% tested in production.
Powerdown Current
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
-3dB point in High BW Mode (TIND)1.5
2.7
4.1
MHz
1
-3dB point in High BW Mode (TCOM)2
2.7
4
MHz
1
-3dB point in Low BW Mode
0.7
1.1
1.4
MHz
1
PLL Jitter Peaking
tJPEAK
Peak Pass band Gain
1.5
2
dB
1
Duty Cycle
tDC
Measured differentially, PLL Mode
45
49
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode @100MHz
-2
2
%
1,4
Bypass Mode, VT = 50% (TIND)
2500
4900
ps
1
Bypass Mode, VT = 50% (TCOM)
2500
4500
ps
1,5
tpdPLL
PLL Mode VT = 50%
-250
-50
250
ps
1
Skew, Output to Output
tsk3
VT = 50%
50/60
ps
1,5
PLL mode
50
ps
1,3
Additive Jitter in Bypass Mode
50
ps
1,3
1Guaranteed by design and characterization, not 100% tested in production.
2 I
REF = VDD/(3xRR).
For RR = 475Ω (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50Ω.
3 Measured from differential waveform
4 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
5 First number is commercial temp, second number is industrial temp.
tpdBYP
Jitter, Cycle to cycle
tjcyc-cyc
PLL Bandwidth
BW
Skew, Input to Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com