Electronic Components Datasheet Search
  English  ▼

X  

MAX542CEPD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX542CEPD
Description  5V, Serial-Input, Voltage-Output, 16-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX542CEPD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX542CEPD Datasheet HTML 2Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 3Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 4Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 5Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 6Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 7Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 8Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 9Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
+5V, Serial-Input, Voltage-Output, 16-Bit DACs
6
_______________________________________________________________________________________
________________________________________________Pin Descriptions (continued)
;;
;;
;;;;;;;;;
;;
;;
tCSHO
tCH
tCSSO
tCL
tDH
tDS
tCSH1
tCSS1
tLDACS
tLDAC
CS
SCLK
DIN
LDAC*
*MAX542 ONLY
D15
D14
D0
Figure 1. Timing Diagram
+5V Supply Voltage
VDD
Digital Ground
DGND
12
LDAC Input. A falling edge updates the internal DAC latch.
LDAC
11
Serial Data Input
DIN
10
No Connection. Not internally connected.
N.C.
9
Serial Clock Input. Duty cycle must be between 40% and 60%.
SCLK
8
Chip-Select Input
CS
7
Voltage Reference Input (force). Connect REFF to external +2.5V reference.
REFF
6
Voltage Reference Input (sense). Connect REFS to external +2.5V reference.
REFS
5
Analog Ground (sense)
AGNDS
4
Analog Ground (force)
AGNDF
3
DAC Output Voltage
OUT
2
Feedback Resistor. Connect to external op amp’s output in bipolar mode.
RFB
1
FUNCTION
NAME
PIN
Junction of internal scaling resistors. Connect to external op amp’s inverting input in
bipolar mode.
INV
13
14
MAX542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com