Electronic Components Datasheet Search
  English  ▼

X  

MAX542CEPD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX542CEPD
Description  5V, Serial-Input, Voltage-Output, 16-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX542CEPD Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX542CEPD Datasheet HTML 3Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 4Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 5Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 6Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 7Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 8Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 9Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 10Page - Maxim Integrated Products MAX542CEPD Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
+5V, Serial-Input, Voltage-Output, 16-Bit DACs
_______________________________________________________________________________________
7
Detailed Description
The MAX541/MAX542 voltage-output, 16-bit digital-to-
analog converters (DACs) offer full 16-bit performance
with less than 1LSB integral linearity error and less than
1LSB differential linearity error, thus ensuring monoton-
ic performance. Serial data transfer minimizes the num-
ber of package pins required.
The MAX541/MAX542 are composed of two matched
DAC sections, with a 12-bit inverted R-2R DAC forming
the 12 LSBs and the 4 MSBs derived from 15 identically
matched resistors. This architecture allows the lowest
glitch energy to be transferred to the DAC output on
major-carry transitions. It also lowers the DAC output
impedance by a factor of eight compared to a standard
R-2R ladder, allowing unbuffered operation in medium-
load applications.
The MAX542 provides matched bipolar offset resistors,
which connect to an external op amp for bipolar output
swings (Figure 2b). For optimum performance, the
MAX542 also provides a set of Kelvin connections to
the voltage-reference and analog-ground inputs.
MAX542
MAX400
AGNDF
DGND
(GND)
VDD
REFF
REFS
RINV
RFB
RFB
INV
OUT
LDAC
SCLK
DIN
CS
AGNDS
0.1
µF
+5V
EXTERNAL OP AMP
MC68XXXX
PCS0
MOSI
SCLK
IC1
BIPOLAR
OUT
+5V
-5V
0.1
µF
+2.5V
10
µF
Figure 2b. Typical Operating Circuit—Bipolar Output
MAX541/MAX542
MAX495
DGND
( ) ARE FOR MAX542 ONLY
(GND)
VDD
(REFS)
REF (REFF)
OUT
SCLK
DIN
CS
AGND_
0.1
µF
0.1
µF
+5V
+2.5V
EXTERNAL OP AMP
MC68XXXX
PCS0
MOSI
SCLK
UNIPOLAR
OUT
(LDAC)
10
µF
Figure 2a. Typical Operating Circuit—Unipolar Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com