Electronic Components Datasheet Search
  English  ▼

X  

MAX548 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX548
Description  2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX548 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX548 Datasheet HTML 1Page - Maxim Integrated Products MAX548 Datasheet HTML 2Page - Maxim Integrated Products MAX548 Datasheet HTML 3Page - Maxim Integrated Products MAX548 Datasheet HTML 4Page - Maxim Integrated Products MAX548 Datasheet HTML 5Page - Maxim Integrated Products MAX548 Datasheet HTML 6Page - Maxim Integrated Products MAX548 Datasheet HTML 7Page - Maxim Integrated Products MAX548 Datasheet HTML 8Page - Maxim Integrated Products MAX548 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
+2.5V to +5.5V, Low-Power, Single/Dual,
8-Bit Voltage-Output DACs in µMAX Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.5V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD, SCLK, DIN, CS, LDAC, OUT_ to GND ...............-0.3V to 6V
REF to GND ................................................-0.3V to (VDD + 0.3V)
Maximum Current (any pin) .............................................±50mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW
µMAX (derate 4.10mW/°C above +70°C) .....................330mW
Operating Temperature Ranges
MAX5_ _AC_ A.....................................................0°C to +70°C
MAX5_ _AE_ A ..................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX549A
MAX549A/MAX550A for specified
performance
Guaranteed
monotonic
CONDITIONS
16.7
V
2.5
VDD
VREF
Reference Input
Voltage Range
±0.9
Bits
8
N
Resolution
LSB
±0.9
DNL
Differential Nonlinearity
LSB
±1
ZCE
Zero-Code Error
LSB
±1
FSE
Full-Scale Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX5_ _AEUA (Note 1)
All others
MAX549A/MAX550A
MAX548A
MAX550A
k
Ω
33.3
ROUT
DAC Output Resistance
V
0
VREF
DAC Output Voltage Swing
0
VDD
k
Ω
33.3
RREF
Reference Input Resistance
DAC Code = 55 Hex (Note 2)
MAX548A/MAX549A
%
±0.2
∆ROUT/
ROUT
DAC Output Resistance
Matching
±1
MAX5_ _AEUA (Note 1)
All others
LSB
±1
TUE
Total Unadjusted Error
MAX549A
330
550
150
250
MAX550A
165
275
µA
75
125
IREF
Reference Input Current
DAC Code = 55 Hex (Note 3)
VDD = VREF = 5.5V
VDD = VREF = 2.5V
VDD = VREF = 5.5V
VDD = VREF = 2.5V
V
0.7VDD
VIH
Input High Voltage
V
0.3VDD
VIL
Input Low Voltage
VIN = 0V or VDD
µA
±1
IIN
Input Current
pF
10
CIN
Input Capacitance (Note 4)
STATIC PERFORMANCE
REFERENCE INPUT
DAC OUTPUT
DIGITAL INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com