Electronic Components Datasheet Search
  English  ▼

X  

MAX548 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX548
Description  2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX548 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX548 Datasheet HTML 1Page - Maxim Integrated Products MAX548 Datasheet HTML 2Page - Maxim Integrated Products MAX548 Datasheet HTML 3Page - Maxim Integrated Products MAX548 Datasheet HTML 4Page - Maxim Integrated Products MAX548 Datasheet HTML 5Page - Maxim Integrated Products MAX548 Datasheet HTML 6Page - Maxim Integrated Products MAX548 Datasheet HTML 7Page - Maxim Integrated Products MAX548 Datasheet HTML 8Page - Maxim Integrated Products MAX548 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
+2.5V to +5.5V, Low-Power, Single/Dual,
8-Bit Voltage-Output DACs in µMAX Package
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.5V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C)
TIMING CHARACTERISTICS
(VDD = +2.5V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Digital inputs switching from 0V to VDD.) (Figure 3) (Note 4)
Note 1: Cold temperature specifications (to -40°C) guaranteed by design using six sigma design limits.
Note 2: Worst-case input resistance at REF occurs at DAC code 55 hex.
Note 3: Worst-case reference input current occurs at DAC code 55 hex.
Note 4: Guaranteed by design. Not production tested.
Note 5: IDD measured with DACs loaded with worst-case DAC code 55 hex.
CS = high, all digital inputs from 0V to VDD
CL = 20pF
To ±1/2LSB, CL = 20pF
V/µs
3.1
µs
1.4
Voltage-Output Settling Time
4
CONDITIONS
50
nV-sec
Digital Feedthrough and
Crosstalk
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Voltage-Output Slew Rate
CL = 20pF
µs
Wake-Up Time at Power-Up
4
VDD = 2.5V
VDD = 5.5V
Supply Voltage Range
Outputs unloaded, all inputs = GND or VDD
VDD
V
2.5
5.5
Supply Current
(MAX549A/MAX550A)
Outputs unloaded,
all inputs = GND or
VDD (Note 5)
µA
330
550
IDD
Supply Current (MAX548A)
Outputs unloaded, all inputs = GND or VDD;
VDD = 5.5V
IDD
µA
0.3
10
VDD = 5.5V
VDD = 2.5V
Shutdown Current
Shutdown mode
µA
0.3
150
250
80
50
SCLK Period
tCP
CS High to LDAC Low
ns
tCSLD
ns
MAX548A/MAX550A only
5
VDD High to CS Low
µs
50
LDAC Pulse Width Low
tLDAC
ns
MAX548A/MAX550A only
40
CS Pulse Width High
tCSW
ns
20
tCSH1
ns
VDD = 5.5V
10
30
tDH
CS High to SCLK High Setup
ns
tCSS1
ns
10
Delay, SCLK High to CS High
VDD = 2.5V
VDD = 5.5V
30
CS Low to SCLK High Setup
tCSS0
ns
30
DIN to SCLK High Setup
tDS
ns
0
DIN to SCLK High Hold
VDD = 2.5V
40
SCLK Pulse Width Low
tCL
ns
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
40
SCLK Pulse Width High
tCH
ns
DYNAMIC PERFORMANCE
POWER SUPPLIES
10
SCLK High to CS Low Hold
tCSH0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com