Electronic Components Datasheet Search
  English  ▼

X  

IRLS3813PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRLS3813PBF
Description  Brushed motor drive applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLS3813PBF Datasheet(HTML) 5 Page - International Rectifier

  IRLS3813PBF Datasheet HTML 1Page - International Rectifier IRLS3813PBF Datasheet HTML 2Page - International Rectifier IRLS3813PBF Datasheet HTML 3Page - International Rectifier IRLS3813PBF Datasheet HTML 4Page - International Rectifier IRLS3813PBF Datasheet HTML 5Page - International Rectifier IRLS3813PBF Datasheet HTML 6Page - International Rectifier IRLS3813PBF Datasheet HTML 7Page - International Rectifier IRLS3813PBF Datasheet HTML 8Page - International Rectifier IRLS3813PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
January 23, 2014
 
IRLS3813PbF
Fig 13. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 14. Single Avalanche Current vs. pulse Width
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
1
10
100
1000
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
 j = 25°C and
Tstart = 125°C.
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
Tj = 125°C and
Tstart =25°C (Single Pulse)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com