Electronic Components Datasheet Search
  English  ▼

X  

IRLS3813PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRLS3813PBF
Description  Brushed motor drive applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLS3813PBF Datasheet(HTML) 6 Page - International Rectifier

  IRLS3813PBF Datasheet HTML 1Page - International Rectifier IRLS3813PBF Datasheet HTML 2Page - International Rectifier IRLS3813PBF Datasheet HTML 3Page - International Rectifier IRLS3813PBF Datasheet HTML 4Page - International Rectifier IRLS3813PBF Datasheet HTML 5Page - International Rectifier IRLS3813PBF Datasheet HTML 6Page - International Rectifier IRLS3813PBF Datasheet HTML 7Page - International Rectifier IRLS3813PBF Datasheet HTML 8Page - International Rectifier IRLS3813PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
January 23, 2014
 
IRLS3813PbF
Fig 16. Threshold Voltage vs. Temperature
Fig 20. Typical Stored Charge vs. dif/dt
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
3.0
ID = 150µA
ID = 250µA
ID = 1.0mA
ID = 1A
0
100
200
300
400
500
600
diF /dt (A/µs)
20
30
40
50
60
70
80
90
IF = 148A
VR = 26V
TJ = 25°C
TJ = 125°C
Fig 19. Typical Stored Charge vs. dif/dt
0
100
200
300
400
500
600
diF /dt (A/µs)
20
40
60
80
100
120
140
IF = 99A
VR = 26V
TJ = 25°C
TJ = 125°C
0
100
200
300
400
500
600
diF /dt (A/µs)
1
2
3
4
5
IF = 148A
VR = 26V
TJ = 25°C
TJ = 125°C
Fig 18. Typical Recovery Current vs. dif/dt
Fig 17. Typical Recovery Current vs. dif/dt
0
100
200
300
400
500
600
diF /dt (A/µs)
1
2
3
4
5
6
IF = 99A
VR = 26V
TJ = 25°C
TJ = 125°C
Fig 15. Typical On-Resistance vs. Gate Voltage
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0
1
2
3
4
5
6
ID = 148A
TJ = 25°C
TJ = 125°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com