Electronic Components Datasheet Search
  English  ▼

X  

MAX5841LEUB Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5841LEUB
Description  Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5841LEUB Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5841LEUB Datasheet HTML 7Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 8Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 9Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 10Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 11Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 12Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 13Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 14Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Quad, 10-Bit, Low-Power, 2-Wire, Serial
Voltage-Output DAC
______________________________________________________________________________________
13
SERIAL DATA INPUT
C3
C2
C1
C0
D9
D8
D7
D6
FUNCTION
11
10
X
X
X
X
Update all DAC outputs simultaneously. Device ignores D9-
D6. Do not send the data byte.
11
11
0
0
0
0
Extended command mode. The next word writes to the power-
down registers (Extended Command Mode).
11
11
0
0
0
1
Read DAC A data. The device expects an Sr condition
followed by an address word with R/W = 1.
11
11
0
0
1
0
Read DAC B data. The device expects an Sr condition
followed by an address word with R/W = 1.
11
11
0
1
0
0
Read DAC C data. The device expects an Sr condition
followed by an address word with R/W = 1.
11
11
1
0
0
0
Read DAC D data. The device expects an Sr condition
followed by an address word with R/W = 1.
Table 3. Command Byte Definitions (continued)
SA6
A5
A4
A3
A2
A1
A0
C3
C2
C1
C0
D9
D8
D7
D6
Sr
A6
A5
A4
A3
A2
A1
A0
MSB
LSB
MSB
LSB
LSB
MSB
ACK
ACK
ACK
D5
D4
D3
D2
D1
D0
S1
S0
MSB
LSB
ACK
ACK
P
R/W
= 1
XX
PD1
PD0
D9
D8
D7
D6
MSB
LSB
DATA BYTES GENERATED BY MASTER DEVICE
DATA BYTES GENERATED BY MAX5841
ACK GENERATED BY
MASTER DEVICE
R/W
= 0
Figure 8. Example Read Word Data Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com