Electronic Components Datasheet Search
  English  ▼

X  

MAX5841LEUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5841LEUB
Description  Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5841LEUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5841LEUB Datasheet HTML 1Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 2Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 3Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 4Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 5Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 6Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 7Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 8Page - Maxim Integrated Products MAX5841LEUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Quad, 10-Bit, Low-Power, 2-Wire, Serial
Voltage-Output DAC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.5V, GND = 0, VREF = VDD, RL = 5k
Ω, CL = 200pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at VDD = +5V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD, SCL, SDA to GND ............................................-0.3V to +6V
OUT_, REF, ADD to GND..............................-0.3V to VDD + 0.3V
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW above +70°C) ................444mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Maximum Junction Temperature .....................................+150°C
Lead Temperature (soldering 10s) ..................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC ACCURACY (NOTE 2)
Resolution
N
10
Bits
Integral Nonlinearity
INL
(Note 3)
±0.5
±4
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic (Note 3)
±0.5
LSB
Zero-Code Error
ZCE
Code = 000 hex, VDD = 2.7V
6
40
mV
Zero-Code Error Tempco
2.3
ppm/
oC
Gain Error
GE
Code = 3FF hex
-0.8
-3
%FSR
Gain-Error Tempco
0.26
ppm/
oC
Power-Supply Rejection Ratio
PSRR
Code = 3FF hex, VDD = 4.5V to 5.5V
58.8
dB
DC Crosstalk
30
µV
REFERENCE INPUT
Reference Input Voltage Range
VREF
0VDD
V
Reference Input Impedance
32
45
k
Ω
Reference Current
Power-down mode
±0.3
±1µA
DAC OUTPUT
Output Voltage Range
No load (Note 4)
0
VDD
V
DC Output Impedance
Code = 200 hex
1.2
Ω
VDD = 5V, VOUT = full scale (short to GND)
42.2
Short-Circuit Current
VDD = 3V, VOUT = full scale (short to GND)
15.1
mA
VDD = 5V
8
Wake-Up Time
VDD = 3V
8
µs
DAC Output Leakage Current
Power-down mode = high impedance,
VDD = 5.5V, VOUT_ = VDD or GND
±0.1
±1
µA
DIGITAL INPUTS (SCL, SDA)
Input High Voltage
VIH
0.7 ✕
VDD
V
Input Low Voltage
VIL
0.3 ✕
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com