Electronic Components Datasheet Search
  English  ▼

X  

S58LM20A Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S58LM20A
Description  CMOS TEMPERATURE SENSOR IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S58LM20A Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S58LM20A Datasheet HTML 3Page - Seiko Instruments Inc S58LM20A Datasheet HTML 4Page - Seiko Instruments Inc S58LM20A Datasheet HTML 5Page - Seiko Instruments Inc S58LM20A Datasheet HTML 6Page - Seiko Instruments Inc S58LM20A Datasheet HTML 7Page - Seiko Instruments Inc S58LM20A Datasheet HTML 8Page - Seiko Instruments Inc S58LM20A Datasheet HTML 9Page - Seiko Instruments Inc S58LM20A Datasheet HTML 10Page - Seiko Instruments Inc S58LM20A Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
CMOS TEMPERATURE SENSOR IC
Rev.3.1_00
S-58LM20A Series
Seiko Instruments Inc.
7
Electrical Characteristics
Table 6
(Ta = 25
°C, VDD = 2.7 V, IOUT = 0 A unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Range of power supply voltage
VDD
−30°C ≤ Ta ≤ +130°C
2.4
⎯
5.5
V
1
−55°C ≤ Ta ≤ +130°C
2.7
⎯
5.5
V
1
Output voltage
VOUT = (
−3.88 × 10
-6 × T2)
+
(
−1.15 × 10
-2 × T) +1.8639 V
VOUT
Ta =
−30°C
2.177
2.205
2.234
V
1
Ta =
+30°C
1.486
1.515
1.545
V
1
Ta =
+130°C
0.272
0.303
0.335
V
1
Temperature sensitivity
VSE
−30°C ≤ Ta ≤ +130°C
−12.20
−11.77
−11.40
mV/
°C
⎯
Nonlinearity
ΔNL
−20°C ≤ Ta ≤ +80°C
⎯
±0.4
⎯
%
⎯
Operating temperature range
Topr
⎯
−55
⎯
130
°C
⎯
Current consumption
IDD
−55°C ≤ Ta ≤ +130°C
⎯
4.5
6.0
μA
1
Current consumption
−
Power supply voltage
ΔIDD1
VDD = 2.4 V to 5.5 V
⎯
0.1
⎯
μA
1
Current consumption
−
Temperature
ΔIDD2
⎯
⎯
-
11
⎯
nA/
°C
1
Line regulation
ΔVOUT1
VDD = 2.4 V to 5.5 V
⎯
⎯
3.3
mV/V
2
Load regulation
*1
ΔVOUT2
IOUT = 0
μA to 16 μA
⎯
⎯
0.156
mV/
μA2
*1.
Do not flow current into the output voltage pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com