Electronic Components Datasheet Search
  English  ▼

X  

S58LM20A Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S58LM20A
Description  CMOS TEMPERATURE SENSOR IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S58LM20A Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S58LM20A Datasheet HTML 12Page - Seiko Instruments Inc S58LM20A Datasheet HTML 13Page - Seiko Instruments Inc S58LM20A Datasheet HTML 14Page - Seiko Instruments Inc S58LM20A Datasheet HTML 15Page - Seiko Instruments Inc S58LM20A Datasheet HTML 16Page - Seiko Instruments Inc S58LM20A Datasheet HTML 17Page - Seiko Instruments Inc S58LM20A Datasheet HTML 18Page - Seiko Instruments Inc S58LM20A Datasheet HTML 19Page - Seiko Instruments Inc S58LM20A Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
CMOS TEMPERATURE SENSOR IC
S-58LM20A Series
Rev.3.1_00
Seiko Instruments Inc.
16
6. Output voltage (VOUT) vs. Load current (IOUT)
0
3.0
1.0
0
2.0
VDD = 2.4 V
IOUT [mA]
0.5
2.5
0.5
1.5
1.0
1.5
2.0
Ta = 30
°C
Ta = 130
°C
Ta =
30°C
0
3.0
1.0
0
3.0
VDD = 2.7 V
IOUT [mA]
0.5
2.5
1.0
1.5
1.5
2.5
2.0
Ta = 30
°C
Ta = 130
°C
Ta =
55°C
0.5
2.0
0
3.0
1.0
0
10.0
VDD = 5.5 V
IOUT [mA]
0.5
2.5
4.0
1.5
6.0
8.0
2.0
2.0
Ta = 30
°C
Ta = 130
°C
Ta =
−55°C
7. Heat response Output voltage (VOUT) vs. Time (t)
When packages are put into the air of 130
°C from the air of
25
°C
When packages are put into the liquid of 130
°C from the air of
25
°C
0 20
200
1.8
0.6
0.4
0
240
t [s]
80
140
0.2
1.6
60
0.8
1.0
1.2
1.4
40
100 120
220
160 160
SC-82AB
SNT-4A
WLP-4B
0
5
1.8
0.6
0.4
0
45
t [s]
15
25
0.2
1.6
10
0.8
1.0
1.2
1.4
20
40
30 35
SC-82AB
SNT-4A
WLP-4B
8. Start up response
VOUT
t (50
s / div.)
Ta = 25
C, CL = 100pF, RL = 10 M
1 V / div.
GND
1 V / div.
GND
VDD
(= 5.5 V)
Ta = 25
C, CL = 100pF, RL = 10 M
VDD
(= 2.4 V)
VOUT
t (50
s / div.)
1 V / div.
GND
1 V / div.
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com