Electronic Components Datasheet Search
  English  ▼

X  

MAX5940BESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5940BESA
Description  IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5940BESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5940BESA Datasheet HTML 1Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 2Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 3Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 4Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 5Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 6Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 7Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 8Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IEEE 802.3af PD Interface Controller
For Power-Over-Ethernet
_______________________________________________________________________________________
3
Note 1:
All min/max limits are production tested at +85°C. Limits at +25°C and -40°C are guaranteed by design.
Note 2:
The input offset current is illustrated in Figure 1.
Note 3:
Effective differential input resistance is defined as the differential resistance between GND and VEE without any external
resistance. See Figure 1.
Note 4:
Classification current is turned off whenever the IC is in power mode.
Note 5:
See Table 2 in the PD Classification Mode section. RDISC and RCL must be ±1%, 100ppm or better. ICLASS includes the IC
bias current and the current drawn by RDISC.
Note 6:
See the Thermal Dissipation section for details.
Note 7:
When UVLO is connected to the midpoint of an external resistor-divider with a series resistance of 25.5k
Ω (±1%), the turn-
on threshold set-point for the power mode is defined by the external resistor-divider. Make sure the voltage on the UVLO
pin does not exceed its maximum rating of 8V when VIN is at the maximum voltage (MAX5940B only).
Note 8:
When the UVLO input voltage is below VTH,G,UVLO, the MAX5940B sets the UVLO threshold internally.
Note 9:
An input voltage or VUVLO glitch below their respective thresholds shorter than or equal to tOFF_DLY does not cause the
MAX5940A/MAX5940B to exit power-on mode (as long as the input voltage remains above an operable voltage level of 12V).
Note 10: Guaranteed by design.
Note 11: PGOOD references to OUT while PGOOD references to VEE.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
UVLO Input Ground-Sense
Threshold (Note 8)
VTH,G,UVLO
50
440
mV
UVLO Input Ground-Sense Glitch
Rejection
UVLO = VEE
7µs
Power Turn-Off Voltage,
Undervoltage Lockout Deglitch
Time (Note 9)
tOFF_DLY
VIN, VUVLO falling
0.32
ms
TA = +25°C
(Note 10)
0.6
1.1
Isolation Switch N-Channel
MOSFET On-Resistance
RON
Output current =
300mA, VGATE = 6V,
measured between
OUT and VEE
TA = +85°C
0.8
1.5
Ω
Isolation Switch N-Channel
MOSFET Off-Threshold Voltage
VGSTH
OUT = GND, VGATE - VEE, output current
< 1µA
0.5
V
GATE Pulldown Switch Resistance
RG
Power-off mode, VIN = 12V,
UVLO = VEE for MAX5940B
38
80
Ω
GATE Charging Current
IG
VGATE = 2V
5
10
15
µA
GATE High Voltage
VGATE
IGATE = 1µA
5.59
5.76
5.93
V
VOUT - VEE, |VOUT - VEE| decreasing,
VGATE = 5.75V
1.16
1.23
1.31
V
PGOOD, PGOOD Assertion VOUT
Threshold
VOUTEN
Hysteresis
70
mV
(GATE - VEE) increasing, OUT = VEE
4.62
4.76
4.91
V
PGOOD, PGOOD Assertion VGATE
Threshold
VGSEN
Hysteresis
80
mV
PGOOD, PGOOD Output Low
Voltage (Note 11)
VOLDCDC
ISINK = 2mA; for PGOOD, OUT
≤
(GND - 5V)
0.4
V
PGOOD Leakage Current (Note 11)
GATE = high, GND - VOUT = 67V
1
µA
PGOOD Leakage Current (Note 11)
GATE = VEE, PGOOD - VEE = 67V
1
µA
ELECTRICAL CHARACTERISTICS (continued)
(VIN = (GND - VEE) = 48V, GATE = PGOOD = PGOOD = OUT = OPEN, UVLO = VEE, TA = -40
°C to +85°C, unless otherwise noted.
Typical values are at TA = +25
°C. All voltages are referenced to VEE, unless otherwise noted.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com