Electronic Components Datasheet Search
  English  ▼

X  

MAX5940BESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5940BESA
Description  IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5940BESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5940BESA Datasheet HTML 3Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 4Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 5Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 6Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 7Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 8Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 9Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 10Page - Maxim Integrated Products MAX5940BESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
The PSE determines the class of a PD by applying a volt-
age at the PD input and measures the current sourced
out of the PSE. When the PSE applies a voltage between
12.6V and 20V, the MAX5940A/MAX5940B exhibit a cur-
rent characteristic with values indicated in Table 2. The
PSE uses the classification current information to classify
the power requirement of the PD. The classification cur-
rent includes the current drawn by the 25.5k
Ω detection
signature resistor and the supply current of the
MAX5940A/MAX5940B so the total current drawn by the
PD is within the IEEE 802.3af standard figures. The classi-
fication current is turned off whenever the device is in
power mode.
Power Mode
During power mode, when VIN rises above the undervolt-
age lockout threshold (VUVLO,ON), the MAX5940A/
MAX5940B gradually turn on the internal N-channel MOS-
FET Q1 (see Figure 2). The MAX5940A/MAX5940B
charge the gate of Q1 with a constant current source
(10µA, typ). The drain-to-gate capacitance of Q1 limits
the voltage rise rate at the drain of the MOSFET, thereby
limiting the inrush current. To reduce the inrush current,
add external drain-to-gate capacitance (see the Inrush
Current section). When the drain of Q1 is within 1.2V of
its source voltage and its gate-to-source voltage is
above 5V, the MAX5940A/MAX5940B asserts the
PGOOD/PGOOD outputs. The MAX5940A/MAX5940B
have a wide UVLO hysteresis and turn-off deglitch time
to compensate for the high impedance of the twisted-
pair cable.
Undervoltage Lockout
The MAX5940A/MAX5940B operate up to a 67V supply
voltage with a default UVLO turn-on (VUVLO,ON) set at
35V (MAX5940A) or 39V (MAX5940B) and a UVLO turn-
off (VUVLO,OFF) set at 30V. The MAX5940B has an
adjustable UVLO threshold using a resistor-divider con-
nected to UVLO (see Figure 3). When the input voltage
is above the UVLO threshold, the IC is in power mode
and the MOSFET is on. When the input voltage goes
below the UVLO threshold for more than tOFF_DLY, the
MOSFET turns off.
IEEE 802.3af PD Interface Controller
For Power-Over-Ethernet
_______________________________________________________________________________________
7
CLASS
USAGE
RCL (
Ω)
MAXIMUM POWER USED BY PD (W)
0
Default
10k
0.44 to 12.95
1
Optional
732
0.44 to 3.84
2
Optional
392
3.84 to 6.49
3
Optional
255
6.49 to 12.95
4
Not Allowed
178
Reserved*
*Class 4 reserved for future use.
Table 1. PD Power Classification/RCL Selection
CLASS CURRENT SEEN AT VIN (mA)
IEEE 802.3af PD CLASSIFICATION
CURRENT SPECIFICATION (mA)
CLASS
RCL (
Ω)VIN* (V)
MIN
MAX
MIIN
MAX
0
10k
12.6 to 20
0
2
0
4
1
732
12.6 to 20
9.17
11.83
9
12
2
392
12.6 to 20
17.29
19.71
17
20
3
255
12.6 to 20
26.45
29.55
26
30
4
178
12.6 to 20
36.6
41.4
36
44
*VIN is measured across the MAX5940 input pins, which does not include the diode bridge voltage drop.
Table 2. Setting Classification Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com