Electronic Components Datasheet Search
  English  ▼

X  

MAX608 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX608
Description  5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX608 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX608 Datasheet HTML 1Page - Maxim Integrated Products MAX608 Datasheet HTML 2Page - Maxim Integrated Products MAX608 Datasheet HTML 3Page - Maxim Integrated Products MAX608 Datasheet HTML 4Page - Maxim Integrated Products MAX608 Datasheet HTML 5Page - Maxim Integrated Products MAX608 Datasheet HTML 6Page - Maxim Integrated Products MAX608 Datasheet HTML 7Page - Maxim Integrated Products MAX608 Datasheet HTML 8Page - Maxim Integrated Products MAX608 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX608 low-voltage step-up controller operates
from a 1.8V to 16.5V input voltage range. Pulse-fre-
quency-modulation (PFM) control provides high effi-
ciency at heavy loads, while using only 85µA (typical)
when operating with no load. In addition, a logic-con-
trolled shutdown mode reduces supply current to 2µA
typical. The output voltage is factory-set at 5V or can be
adjusted from 3V to 16.5V with an external resistor
divider.
The MAX608 is ideal for two- and three-cell battery-
powered systems. An operating frequency of up to
300kHz allows use with small surface-mount compo-
nents.
The MAX608 operates in “bootstrapped” mode only
(with the chip supply, OUT, connected to the DC-DC
output). For a 12V output without external resistors, or
for nonbootstrapped applications (chip supply connect-
ed to input voltage), refer to the pin-compatible
MAX1771. The MAX608 is available in 8-pin DIP and
SO packages.
________________________Applications
High-Efficiency DC-DC Converters
Battery-Powered Applications
Positive LCD-Bias Generators
Portable Communicators
____________________________Features
o 1.8V to 16.5V Input Range
o 85% Efficiency for 30mA to 1.5A Load Currents
o Up to 10W Output Power
o 110µA Max Supply Current
o 5µA Max Shutdown Current
o Preset 5V or Adjustable Output (3V to 16.5V)
o Current-Limited PFM Control Scheme
o Up to 300kHz Switching Frequency
o Evaluation Kit Available
5V or Adjustable, Low-Voltage,
Step-Up DC-DC Controller
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
CS
GND
AGND
REF
SHDN
FB
OUT
EXT
TOP VIEW
MAX608
DIP/SO
__________________Pin Configuration
FB AGND GND OUT
CS
EXT
N
REF
SHDN
ON/OFF
OUTPUT
5V
INPUT
1.8V TO VOUT
MAX608
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0438; Rev 0; 9/95
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
* Contact factory for dice specifications.
______________Ordering Information
PART
MAX608C/D
MAX608EPA
MAX608ESA
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
8 Plastic DIP
-40°C to +85°C
8 SO


Similar Part No. - MAX608

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX600 MAXIM-MAX600 Datasheet
345Kb / 4P
AC To DC Regulator
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6001EUR-T MAXIM-MAX6001EUR-T Datasheet
195Kb / 12P
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6002 MAXIM-MAX6002 Datasheet
195Kb / 12P
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6002EUR-T MAXIM-MAX6002EUR-T Datasheet
195Kb / 12P
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
More results

Similar Description - MAX608

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
logo
Silicon Standard Corp.
SS6641 SSC-SS6641 Datasheet
334Kb / 13P
Low Voltage Step-Up DC/DC Controller
logo
Maxim Integrated Produc...
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com