Electronic Components Datasheet Search
  English  ▼

X  

MAX608 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX608
Description  5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX608 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX608 Datasheet HTML 1Page - Maxim Integrated Products MAX608 Datasheet HTML 2Page - Maxim Integrated Products MAX608 Datasheet HTML 3Page - Maxim Integrated Products MAX608 Datasheet HTML 4Page - Maxim Integrated Products MAX608 Datasheet HTML 5Page - Maxim Integrated Products MAX608 Datasheet HTML 6Page - Maxim Integrated Products MAX608 Datasheet HTML 7Page - Maxim Integrated Products MAX608 Datasheet HTML 8Page - Maxim Integrated Products MAX608 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5V or Adjustable, Low-Voltage,
Step-Up DC-DC Controller
_______________________________________________________________________________________
5
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
VIN = 4V, IOUT = 490mA, VOUT = 12V
A = EXT VOLTAGE, 10V/div
B = INDUCTOR CURRENT, 1A/div
C = VOUT RIPPLE, 50mV/div, AC-COUPLED
HEAVY-LOAD SWITCHING WAVEFORMS
(VOUT = 12V)
A
B
C
VOUT
0V
ILIM
0A
2
µs/div
VIN = 4V, IOUT = 300mA, VOUT = 12V
A = EXT VOLTAGE, 10V/div
B = INDUCTOR CURRENT, 1A/div
C = VOUT RIPPLE, 50mV/div, AC-COUPLED
MEDIUM-LOAD SWITCHING WAVEFORMS
(VOUT = 12V)
A
B
C
VOUT
0V
ILIM
0A
10
µs/div
VIN = 2V, VOUT = 5V
A = LOAD CURRENT, 0mA TO 500mA, 500mA/div
B = VOUT RIPPLE, 50mV/div, AC-COUPLED
LOAD-TRANSIENT RESPONSE
(VOUT = 5V)
A
B
500mA
0A
2ms/div
IOUT = 500mA, VOUT = 5V
A = VIN, 2.7V TO 4.0V, 1V/div
B = VOUT RIPPLE, 100mV/div, AC-COUPLED
LINE-TRANSIENT RESPONSE
(VOUT = 5V)
A
B
4.0V
2.7V
5ms/div
IOUT = 500mA, VIN = 3.5V
A = SHDN, 2V/div
B = VOUT, 2V/div
EXITING SHUTDOWN
A
B
0V
0V
5V
200
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com