Electronic Components Datasheet Search
  English  ▼

X  

MAX606ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX606ESA
Description  Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX606ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX606ESA Datasheet HTML 1Page - Maxim Integrated Products MAX606ESA Datasheet HTML 2Page - Maxim Integrated Products MAX606ESA Datasheet HTML 3Page - Maxim Integrated Products MAX606ESA Datasheet HTML 4Page - Maxim Integrated Products MAX606ESA Datasheet HTML 5Page - Maxim Integrated Products MAX606ESA Datasheet HTML 6Page - Maxim Integrated Products MAX606ESA Datasheet HTML 7Page - Maxim Integrated Products MAX606ESA Datasheet HTML 8Page - Maxim Integrated Products MAX606ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Profile, 5V/12V or Adjustable, Step-Up
DC-DC Converters for Flash Memory/PCMCIA Cards
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(VIN = 3.3V, GND = PGND = FB = 0V, SHDN = IN, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
Note 1: The load specification is guaranteed by DC parametric tests and is not production tested in circuit.
Note 2: Specifications to -40°C are guaranteed by design, not production tested.
VIN = 3V to 5.5V. For VFB below this voltage,
output regulates to 12V.
VSHDN = 0 or VIN
3V < VIN < 5V, FB = IN, ILOAD = 0 to 135mA
VIN = 5.5V
VIN = 3V
2V < (VOUT + 0.5V - VIN) < 8V (see Pulse-
Frequency-Modulation Control Scheme section)
3V < VIN < 5.5V
(tON = K / VIN)
VOUT = 13V
VSHDN = VIN, VSS = 150mV
VSHDN = 0, OUT = IN
MAX606
VLX = 12V
4.5V < VIN < 5.5V, FB = GND, ILOAD = 0 to 90mA
0.1V < VFB < (VIN - 0.1V)
0.1V < VFB < (VIN - 0.1V)
VOUT = 13V
VSHDN = VSS = 0
CONDITIONS
MAX606
V
0.1
MAX607
FB Input Low Voltage
µA
±1
MAX607
SHDN Input Current
V
0.66VIN
SHDN Input High Voltage
V
0.25VIN
SHDN Input Low Voltage
0.3
0.7
Switch Off-Time Ratio
3.5
9.0
µs-V
1.8
4.5
Switch On-Time Constant (K)
µA
85
OUT Input Current
µA
10
Shutdown Quiescent Current
300
µA
500
Quiescent Supply Current
0.5
V
4.75
5.25
Output Voltage (Note 1)
V
2.4
2.8
V
3.0
5.5
Supply Voltage
Undervoltage Lockout Threshold
k
Ω
30
60
SS Resistance
A
0.55
1.25
Switch Current Limit
µA
10
Switch Off-Leakage
Ω
1
Switch On-Resistance
11.4
12.6
V
1.94
2.06
FB Regulation Setpoint
V
VIN
12.5
Adjustable Output Voltage Range
UNITS
MIN
TYP
MAX
PARAMETER
VIN = 3V to 5.5V. For VFB above this voltage,
output regulates to 5V.
V
VIN - 0.1
FB Input High Voltage
VFB = 2.05V, VOUT = 13V
nA
200
FB Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com