Electronic Components Datasheet Search
  English  ▼

X  

MAX606ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX606ESA
Description  Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX606ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX606ESA Datasheet HTML 1Page - Maxim Integrated Products MAX606ESA Datasheet HTML 2Page - Maxim Integrated Products MAX606ESA Datasheet HTML 3Page - Maxim Integrated Products MAX606ESA Datasheet HTML 4Page - Maxim Integrated Products MAX606ESA Datasheet HTML 5Page - Maxim Integrated Products MAX606ESA Datasheet HTML 6Page - Maxim Integrated Products MAX606ESA Datasheet HTML 7Page - Maxim Integrated Products MAX606ESA Datasheet HTML 8Page - Maxim Integrated Products MAX606ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Profile, 5V/12V or Adjustable, Step-Up
DC-DC Converters for Flash Memory/PCMCIA Cards
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VIN = 3.3V, TA = +25°C, unless otherwise noted.)
0
200
100
400
300
600
500
700
2.0
3.0
3.5
2.5
4.0
4.5
5.0
5.5
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
MAX606 (VOUT = 5V)
MAX607 (VOUT = 5V)
MAX606 (VOUT = 12V)
MAX607 (VOUT = 12V)
0
0.01
1
100
1000
0.1
10
MAX606
EFFICIENCY vs. OUTPUT CURRENT
20
OUTPUT CURRENT (mA)
40
60
80
10
30
50
70
100
90
A: VOUT = 12V, VIN = 3.3V
B: VOUT = 5V, VIN = 3.3V
C: VOUT = 12V, VIN = 5V
D: VOUT = 5V, VIN = 5V
CIN = 2 x 1µF
COUT = 4.7µF
A
C
B
D
0
0.01
1
100
1000
0.1
10
MAX607
EFFICIENCY vs. OUTPUT CURRENT
20
OUTPUT CURRENT (mA)
40
60
80
10
30
50
70
100
90
A: VOUT = 12V, VIN = 3.3V
B: VOUT = 5V, VIN = 3.3V
C: VOUT = 12V, VIN = 5V
D: VOUT = 5V, VIN = 5V
CIN = 2 x 1µF
COUT = 4.7µF
D
B
A
C
0
-40
SHUTDOWN QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-20
0
20
40
60
80
FOR VIN = 3V, 3.3V, AND 5V
5 MINUTE WAIT BEFORE MEASUREMENT
0
2.5
SWITCH ON-TIME vs.
INPUT VOLTAGE
INPUT VOLTAGE (V)
500
1000
1500
2000
2500
3000
3.5
4.5
5.5
3.0
4.0
5.0
MAX607
MAX606
0
2
SWITCH OFF-TIME vs.
OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
500
1000
1500
2000
2500
3000
3500
4000
468
10
3
5
7
9
11
12
A: MAX607, VIN = 5V
B: MAX606, VIN = 5V
C: MAX607, VIN = 3.3V
D: MAX606, VIN = 3V
A
B
C
D
10,000
100
-40
-20
0
20
40
60
80
MAX607
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (˚C)
1000
D
B
A
A: VOUT = 12V, MBR0520 DIODE
B: VOUT = 12V, MBR0540 DIODE
C: VOUT = 5V, MBR0520 DIODE
D: VOUT = 5V, MBR0540 DIODE
C
VIN = 3.3V
10,000
100
-40
-20
0
20
40
60
80
MAX606
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (˚C)
1000
D
B
A
A: VOUT = 12V, MBR0520 DIODE
B: VOUT = 12V, MBR0540 DIODE
C: VOUT = 5V, MBR0520 DIODE
D: VOUT = 5V, MBR0540 DIODE
C
VIN = 3.3V
10,000
0.001
-40
-20
20
DIODE LEAKAGE CURRENT
vs. TEMPERATURE
0.1
0.01
100
10
1000
TEMPERATURE (°C)
040
1
60
80
MBR0520L
MBR0530
MBR0540
VOUT = VANODE = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com