Electronic Components Datasheet Search
  English  ▼

X  

L16B45 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # L16B45
Description  CMOS IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button L16B45 Datasheet HTML 3Page - Unisonic Technologies L16B45 Datasheet HTML 4Page - Unisonic Technologies L16B45 Datasheet HTML 5Page - Unisonic Technologies L16B45 Datasheet HTML 6Page - Unisonic Technologies L16B45 Datasheet HTML 7Page - Unisonic Technologies L16B45 Datasheet HTML 8Page - Unisonic Technologies L16B45 Datasheet HTML 9Page - Unisonic Technologies L16B45 Datasheet HTML 10Page - Unisonic Technologies L16B45 Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
L16B45
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R102-059.c
APPLICATION INFORMATION
Constant Current
To design LED displays, UTC L16B45 provides nearly no variations in current from channel
to channel and from IC to IC. This can be achieved by:
1) The maximum current variation between channels is less than ±2.5%, and that between ICs is less than ±3%.
2) In addition, the current characteristic of output stage is flat and users can refer to the figure as shown below.
The output current can be kept constant regardless of the variations of LED forward voltages (Vf). This performs as a
perfection of load regulation.
Adjusting Output Current
The output current of each channel (IOUT) is set by an external resistor, Rext. The relationship between IOUT and Rext
is shown in the following figure.
Also, the output current can be calculated from the equation:
VR-EXT=1.24V;
IOUT=VR-EXT×( 1/Rext )x15;
Rext=(VR-EXT/IOUT)x15
where Rext is the resistance of the external resistor connected to R-EXT terminal and VR-EXT is the voltage of R-EXT
terminal. The magnitude of current (as a function of Rext) is around 25mA at 744Ω and 10mA at 1860Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com