Electronic Components Datasheet Search
  English  ▼

X  

L16B45 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L16B45
Description  CMOS IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45 Datasheet(HTML) 1 Page - Unisonic Technologies

  L16B45 Datasheet HTML 1Page - Unisonic Technologies L16B45 Datasheet HTML 2Page - Unisonic Technologies L16B45 Datasheet HTML 3Page - Unisonic Technologies L16B45 Datasheet HTML 4Page - Unisonic Technologies L16B45 Datasheet HTML 5Page - Unisonic Technologies L16B45 Datasheet HTML 6Page - Unisonic Technologies L16B45 Datasheet HTML 7Page - Unisonic Technologies L16B45 Datasheet HTML 8Page - Unisonic Technologies L16B45 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L16B45
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-059.c
16-BIT CONSTANT CURRENT
LED SINK DRIVER
DESCRIPTION
The UTC L16B45 is designed for LED displays. UTC L16B45
contains a serial buffer and data latches which convert serial input
data into parallel output format. At UTC L16B45 output stage,
sixteen regulated current ports are designed to provide uniform and
constant current sinks for driving LEDs within a large range of VF
variations.
UTC L16B45 provides users with great flexibility and device
performance while using UTC L16B45 in their system design for
LED display applications, e.g. LED panels. Users may adjust the
output current from 3mA to 45mA through an external resistor, Rext,
which gives users flexibility in controlling the light intensity of LEDs.
UTC L16B45 guarantees to endure maximum 17V at the output
port. The high clock frequency, 25MHz, also satisfies the system
requirements of high volume data transmission.
FEATURES
* 16 constant-current output channels
* Constant output current invariant to load voltage change:
Constant output current range:
3~45mA @ VDD=5V
3~30mA @ VDD=3.3V
* Excellent output current accuracy:
between channels: ±3% (typ.),
between ICs: ±6% (typ.)
* Output current adjusted through an external resistor
* Fast response of output current, OE (min.): 300ns @ VDD=3.3V
* 25MHz clock frequency
* Schmitt trigger input
* 3.3V, 5V supply voltage
SOP-24 (300 mil)
ORDERING INFORMATION
Ordering Number
Package
Packing
L16B45G-S24-R
SOP-24
Tape Reel


Similar Part No. - L16B45

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L16B45AG-R24-R UTC-L16B45AG-R24-R Datasheet
267Kb / 12P
Schmitt trigger input
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
L16B45BG-R24-R UTC-L16B45BG-R24-R Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
L16B45BL-R24-R UTC-L16B45BL-R24-R Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
More results

Similar Description - L16B45

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com