Electronic Components Datasheet Search
  English  ▼

X  

MAX6064 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6064
Description  Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6064 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6064 Datasheet HTML 1Page - Maxim Integrated Products MAX6064 Datasheet HTML 2Page - Maxim Integrated Products MAX6064 Datasheet HTML 3Page - Maxim Integrated Products MAX6064 Datasheet HTML 4Page - Maxim Integrated Products MAX6064 Datasheet HTML 5Page - Maxim Integrated Products MAX6064 Datasheet HTML 6Page - Maxim Integrated Products MAX6064 Datasheet HTML 7Page - Maxim Integrated Products MAX6064 Datasheet HTML 8Page - Maxim Integrated Products MAX6064 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Precision, Micropower, Low-Dropout,
High-Output-Current, SOT23 Voltage References
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX6068, VOUT = 1.80V
(VIN = +5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6068A (0.17%)
1.797
1.800
1.803
Output Voltage
VOUT
TA = +25
°C
MAX6068B (0.39%)
1.793
1.800
1.807
V
MAX6068A
6
20
Output Voltage Temperature
Coefficient (Note 2)
TCVOUT
MAX6068B
6
30
ppm/
°C
Line Regulation
∆VOUT/
∆VIN
2.5V
≤ VIN ≥ 12.6V
33
200
µV/V
Sourcing: 0
≤ IOUT ≤ 5mA
0.5
0.9
Load Regulation
∆VOUT/
∆IOUT
Sinking: -2mA
≤ IOUT ≤ 0
1.5
4
mV/mA
Short to GND
25
OUT Short-Circuit Current
ISC
Short to IN
25
mA
Long-Term Stability
∆VOUT/
time
1000hr at +25
°C62
ppm/
1000hr
Output Voltage Hysteresis (Note 3)
∆VOUT/
cycle
130
ppm
DYNAMIC CHARACTERISTICS
f = 0.1Hz to 10Hz
22
µVp-p
Noise Voltage
eOUT
f = 10Hz to 10kHz
25
µVRMS
Ripple Rejection
∆VOUT/
∆VIN
VIN = 5V
±100mV, f = 120Hz
86
dB
Turn-On Settling Time
tR
To VOUT = 0.1% of final value, COUT = 50pF
115
µs
INPUT CHARACTERISTICS
Supply Voltage Range
VIN
Guaranteed by line regulation test
2.5
12.6
V
Quiescent Supply Current
IIN
90
125
µA
Change in Supply Current
∆IIN/
∆VIN
2.5V
≤ VIN ≤ 12.6V
3.3
8.0
µA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com