Electronic Components Datasheet Search
  English  ▼

X  

MAX6064 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6064
Description  Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6064 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6064 Datasheet HTML 1Page - Maxim Integrated Products MAX6064 Datasheet HTML 2Page - Maxim Integrated Products MAX6064 Datasheet HTML 3Page - Maxim Integrated Products MAX6064 Datasheet HTML 4Page - Maxim Integrated Products MAX6064 Datasheet HTML 5Page - Maxim Integrated Products MAX6064 Datasheet HTML 6Page - Maxim Integrated Products MAX6064 Datasheet HTML 7Page - Maxim Integrated Products MAX6064 Datasheet HTML 8Page - Maxim Integrated Products MAX6064 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Precision, Micropower, Low-Dropout,
High-Output-Current, SOT23 Voltage References
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—MAX6066, VOUT = 2.500V
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
MAX6066B (0.4%)
MAX6066A (0.2%)
TA = +25°C
V
2.495
2.500
2.505
VOUT
Output Voltage
MAX6066B
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
MAX6066A
Guaranteed by line-regulation test
To VOUT = 0.1% of final value, COUT = 50pF
VIN = 5V ±100mV, f = 120Hz
1000hr at +25°C
Short to IN
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
Sourcing: 0
≤ IOUT ≤ 5mA
Sinking: -2mA
≤ IOUT ≤ 0
f = 10Hz to 10kHz
Short to GND
f = 0.1Hz to 10Hz
CONDITIONS
µA/V
3.3
8.0
IIN/VIN
Change in Supply Current
µA
90
125
IIN
Quiescent Supply Current
V
VOUT + 0.2
12.6
VIN
Supply Voltage Range
µs
115
tR
Turn-On Settling Time
dB
86
∆VOUT/
∆VIN
Ripple Rejection
µVRMS
30
µVp-p
27
eOUT
Noise Voltage
630
ppm/°C
620
TCVOUT
2.490
2.500
2.510
Output Voltage Temperature
Coefficient (Note 2)
ppm
130
∆VOUT/
cycle
Output Voltage Hysteresis
(Note 3)
ppm/
1000hr
62
∆VOUT/
time
Long-Term Stability
25
µV/V
60
300
∆VOUT/
∆VIN
Line Regulation
mV/mA
0.5
0.9
∆VOUT/
∆IOUT
Load Regulation
1.6
5
mA
25
ISC
OUT Short-Circuit Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IOUT = 1mA
mV
50
200
VIN -
VOUT
Dropout Voltage (Note 4)
DYNAMIC CHARACTERISTICS
INPUT CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com