Electronic Components Datasheet Search
  English  ▼

X  

IRS2004PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRS2004PBF
Description  HALF-BRIDGE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2004PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS2004PBF Datasheet HTML 5Page - International Rectifier IRS2004PBF Datasheet HTML 6Page - International Rectifier IRS2004PBF Datasheet HTML 7Page - International Rectifier IRS2004PBF Datasheet HTML 8Page - International Rectifier IRS2004PBF Datasheet HTML 9Page - International Rectifier IRS2004PBF Datasheet HTML 10Page - International Rectifier IRS2004PBF Datasheet HTML 11Page - International Rectifier IRS2004PBF Datasheet HTML 12Page - International Rectifier IRS2004PBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IRS2004(S) PbF
www.irf.com
9
Temperature (°C)
Figure 16A. Offset Supply Current
vs. Temperature
Figure 16B. Offset Supply Current
vs. Voltage
0
10 0
20 0
30 0
40 0
50 0
-50
-25
0
25
50
75
10 0
12 5
Ma x .
0
100
200
300
400
500
0
100
200
300
400
500
600
Max.
VB Boost Voltage (V)
Figure 14A. High Level Output Voltage
vs. Temperature
Figure 14B. High Level Output Voltage
vs. Supply Voltage
VBIAS Supply Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
Temperature (oC)
0.0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
Figure 15A. Low Level Output Voltage
vs. Temperature
Figure 15B. Low Level Output Voltage
vs. Supply Voltage
0.0
0.1
0.2
0.3
0.4
0.5
-50-25
0
25
50
75100
125
Temperature (oC)
0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
V
BIAS Supply V oltage (V )
Max.
Typ.
Max.
Typ.
Max.
Typ.
Max.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com