Electronic Components Datasheet Search
  English  ▼

X  

IRS2004PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2004PBF
Description  HALF-BRIDGE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2004PBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2004PBF Datasheet HTML 1Page - International Rectifier IRS2004PBF Datasheet HTML 2Page - International Rectifier IRS2004PBF Datasheet HTML 3Page - International Rectifier IRS2004PBF Datasheet HTML 4Page - International Rectifier IRS2004PBF Datasheet HTML 5Page - International Rectifier IRS2004PBF Datasheet HTML 6Page - International Rectifier IRS2004PBF Datasheet HTML 7Page - International Rectifier IRS2004PBF Datasheet HTML 8Page - International Rectifier IRS2004PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet No.PD60270
Typical Connection
Product Summary
VOFFSET
200 V max.
IO+/-
130 mA/270 mA
VOUT
10 V - 20 V
ton/off (typ.)
680 ns/150 ns
Deadtime (typ.)
520 ns
HALF-BRIDGE DRIVER
Features
• Floating channel designed for bootstrap operation
• Fully operational to +200 V
• Tolerant to negative transient voltage, dV/dt
immune
• Gate drive supply range from 10 V to 20 V
• Undervoltage lockout
• 3.3 V, 5 V, and 15 V input logic compatible
• Cross-conduction prevention logic
• Internally set deadtime
• High-side output in phase with input
• Shutdown input turns off both channels
• Matched propagation delay for both channels
Description
The IRS2004 is a high voltage, high speed power
MOSFET and IGBT driver with dependent high- and low-
side referenced output channels. Proprietary HVIC and
latch immune CMOS technologies enable ruggedized
monolithic construction. The logic input is compatible
with standard CMOS or LSTTL output, down to 3.3 V
logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-
conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high-side
configuration which operates from 10 V to 200 V.
www.irf.com
1
IRS2004(S)PbF
V
CC
V
B
V
S
HO
LO
COM
IN
SD
SD
IN
up to 200 V
TO
LOAD
V
CC
(Refer to Lead Assignment for correct pin configuration). This diagram shows electrical
connections only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
Packages
8 Lead PDIP
IRS2004
8 Lead SOIC
IRS2004S
• RoHS compliant


Similar Part No. - IRS2004PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2004PBF IRF-IRS2004PBF Datasheet
284Kb / 15P
HALF-BRIDGE DRIVER
More results

Similar Description - IRS2004PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
IRS2103 IRF-IRS2103_15 Datasheet
1Mb / 14P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com