Electronic Components Datasheet Search
  English  ▼

X  

IRS2011PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2011PBF
Description  Floating channel designed for bootstrap operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2011PBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2011PBF Datasheet HTML 1Page - International Rectifier IRS2011PBF Datasheet HTML 2Page - International Rectifier IRS2011PBF Datasheet HTML 3Page - International Rectifier IRS2011PBF Datasheet HTML 4Page - International Rectifier IRS2011PBF Datasheet HTML 5Page - International Rectifier IRS2011PBF Datasheet HTML 6Page - International Rectifier IRS2011PBF Datasheet HTML 7Page - International Rectifier IRS2011PBF Datasheet HTML 8Page - International Rectifier IRS2011PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
IRS2011(S)PBF
1
www.irf.com
© 2015 International Rectifier
April 14, 2015
High and Low Side Driver
Ordering Information
Features
Floating channel designed for bootstrap operation
Fully operational to 200V
Tolerant to negative transient voltage, dV/dt immune
Gate drive supply range from 10 to 20V
Independent low and high side channels
Input logic HIN/LIN active high
Undervoltage lockout for both channels
3.3V and 5V logic compatible
CMOS Schmitt-triggered inputs with pull-down
Matched propagation delay for both channels
Description
The IRS2011 is a high power, high speed power MOSFET
driver with independent high and low side referenced output
channels. Logic inputs are compatible with standard CMOS
or LSTTL output, down to 3.3V logic. The output drivers
feature a high pulse current buffer stage designed for
minimum driver cross-conduction. Propagation delays are
matched to simplify use in high frequency applications. The
floating channel can be used to drive an N-channel power
MOSFET in the high side configuration which operates up to
200 volts. Proprietary HVIC and latch immune CMOS
technologies enable ruggedized monolithic construction.
Applications
Converters
DC motor drive
Product Summary
VOFFSET (max)
200V
IO+/- (typ)
1.0A / 1.0A
VOUT
10
– 20V
ton/off (typ)
Delay Matching (max)
60ns
20ns
Package Options
8-Lead PDIP
8-Lead SOIC
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRS2011PBF
PDIP8
Tube
50
IRS2011PBF
IRS2011SPBF
SO8N
Tube
95
IRS2011SPBF
IRS2011SPBF
SO8N
Tape and Reel
2500
IRS2011STRPBF


Similar Part No. - IRS2011PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS2011PBF INFINEON-IRS2011PBF Datasheet
1Mb / 22P
High and Low Side Driver
October 28, 2015
More results

Similar Description - IRS2011PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
Floating channel designed for bootstrap operation
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
Floating channel designed for bootstrap operation
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
Floating channel designed for bootstrap operation
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com