Electronic Components Datasheet Search
  English  ▼

X  

IRS2011PBF Datasheet(PDF) 14 Page - International Rectifier

Part # IRS2011PBF
Description  Floating channel designed for bootstrap operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2011PBF Datasheet(HTML) 14 Page - International Rectifier

Back Button IRS2011PBF Datasheet HTML 10Page - International Rectifier IRS2011PBF Datasheet HTML 11Page - International Rectifier IRS2011PBF Datasheet HTML 12Page - International Rectifier IRS2011PBF Datasheet HTML 13Page - International Rectifier IRS2011PBF Datasheet HTML 14Page - International Rectifier IRS2011PBF Datasheet HTML 15Page - International Rectifier IRS2011PBF Datasheet HTML 16Page - International Rectifier IRS2011PBF Datasheet HTML 17Page - International Rectifier IRS2011PBF Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
IRS2011(S)PBF
14
www.irf.com
© 2015 International Rectifier
April 14, 2015
Figure 14A. VCC Supply Current vs. Temperature
Figure 14B. VCC Supply Current vs. Supply Voltage
Figure 15A. Logic “1” Input Current vs.
Temperature
Figure 15 B. Logic “1” Input Current vs. Supply
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com