Electronic Components Datasheet Search
  English  ▼

X  

IRS2092 Datasheet(PDF) 4 Page - International Rectifier

Part # IRS2092
Description  PROTECTED DIGITAL AUDIO AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2092 Datasheet(HTML) 4 Page - International Rectifier

  IRS2092 Datasheet HTML 1Page - International Rectifier IRS2092 Datasheet HTML 2Page - International Rectifier IRS2092 Datasheet HTML 3Page - International Rectifier IRS2092 Datasheet HTML 4Page - International Rectifier IRS2092 Datasheet HTML 5Page - International Rectifier IRS2092 Datasheet HTML 6Page - International Rectifier IRS2092 Datasheet HTML 7Page - International Rectifier IRS2092 Datasheet HTML 8Page - International Rectifier IRS2092 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IRS2092
4
www.irf.com
© 2013 International Rectifier
October 24, 2013
Simplified Block Diagram
DEAD TIME
HIGH
SIDE
CS
VB
HO
VS
IN-
LOW SIDE CS
CSD
VCC
LO
COM
VAA
GND
COMP
VSS
CSH
PROTECTION
CONTROL
SD
VREF
HV
LEVEL
SHIFT
HV
LEVEL
SHIFT
FLOATING INPUT
FLOATING HIGH SIDE
HV
LEVEL
SHIFT
HV
LEVEL
SHIFT
OCSET
DT
DT
OTA
VAA+VSS
2
COMP
HV
LEVEL
SHIFT
Typical Application Diagram
IRS2092
12 V
Vin
-B
Vcc
+B
4
Vout
35 V
35 V
150 pF
0.47 µF
22 µH
33
kΩ
10
22 µF
MURS120
10 µF
10
IRF6645
IRF6645
47
kΩ
510
3.3
kΩ
10 µF
10 µF
1 nF
1 nF
10 µF
0.1 µF
10 µF
3.3
kΩ
8.2
kΩ
1 nF
2.7
kΩ
2.7
kΩ
8.2
kΩ
1.2
kΩ
10
kΩ
BAV19WS
0.1 µF
1
VAA
GND
IN-
OCSET
COM
COMP
VSS
LO
VCC
VREF
HO
VS
CSD
CSH
VB
DT
2
16
1
4
3
5
6
7
8
15
14
13
12
11
10
9
10
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com