Electronic Components Datasheet Search
  English  ▼

X  

IRS2092 Datasheet(PDF) 8 Page - International Rectifier

Part # IRS2092
Description  PROTECTED DIGITAL AUDIO AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2092 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS2092 Datasheet HTML 4Page - International Rectifier IRS2092 Datasheet HTML 5Page - International Rectifier IRS2092 Datasheet HTML 6Page - International Rectifier IRS2092 Datasheet HTML 7Page - International Rectifier IRS2092 Datasheet HTML 8Page - International Rectifier IRS2092 Datasheet HTML 9Page - International Rectifier IRS2092 Datasheet HTML 10Page - International Rectifier IRS2092 Datasheet HTML 11Page - International Rectifier IRS2092 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IRS2092
8
www.irf.com
© 2013 International Rectifier
October 24, 2013
Electrical Characteristics
VCC,VBS= 12 V, VSS=VS=COM=0 V, VAA=10 V, CL=1 nF and TA=25 C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Low Side Supply
UVCC+
Vcc supply UVLO positive
threshold
8.4
8.9
9.4
V
UVCC-
Vcc supply UVLO negative
threshold
8.2
8.7
9.2
UVCCHYS
UVCC hysteresis
-
0.2
-
IQCC
Low side quiescent current
-
-
3
mA
VDT=VCC
VCLAMPL
Low side zener diode clamp
voltage
19.6
20.4
21.6
V
ICC=5 mA
High Side Floating Supply
UVBS+
High side well UVLO positive
threshold
8.0
8.5
9.0
V
UVBS-
High side well UVLO negative
threshold
7.8
8.3
8.8
UVBSHYS
UVBS hysteresis
-
0.2
-
IQBS
High side quiescent current
-
-
1
mA
ILKH
High to Low side leakage current
-
-
50
µA
VB=VS =200 V
VCLAMPH
High side zener diode clamp
voltage
19.6
20.4
21.6
V
IBS=5 mA
Floating Input Supply
UVAA+
VA+, VA- floating supply UVLO
positive threshold from VSS
8.2
8.7
9.2
V
VSS =0 V, GND pin
floating
UVAA-
VA+, VA- floating supply UVLO
negative threshold from VSS
7.7
8.2
8.7
VSS =0 V, GND pin
floating
UVAAHYS
UVAA hysteresis
-
0.5
-
VSS =0 V, GND pin
floating
IQAA0
Floating Input positive quiescent
supply current
-
0.5
2
mA
VAA=10 V, VSS =0 V,
VCSD =VSS
IQAA1
Floating Input positive quiescent
supply current
-
8
11
VAA=10 V, VSS =0 V,
VCSD =VAA
IQAA2
Floating Input positive quiescent
supply current
-
8
11
VAA=10 V, VSS =0 V,
VCSD =GND
ILKM
Floating input side to Low side
leakage current
-
-
50
µA
VAA=VSS=VGND=
100 V
VCLAMPM+
VAA floating supply zener diode
clamp voltage, positive, with
respect to GND
6.0
7.0
8.0
V
IAA=5 mA, ISS=5 mA,
VGND=0 V,
VCSD =VSS
VCLAMPM-
VSS floating supply zener diode
clamp voltage, negative, with
respect to GND
-8.0
-7.0
-6.0
IAA=5 mA, ISS=5 mA,
VGND=0 V,
VCSD =VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com