Electronic Components Datasheet Search
  English  ▼

X  

MAX6340 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6340
Description  Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6340 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6340 Datasheet HTML 1Page - Maxim Integrated Products MAX6340 Datasheet HTML 2Page - Maxim Integrated Products MAX6340 Datasheet HTML 3Page - Maxim Integrated Products MAX6340 Datasheet HTML 4Page - Maxim Integrated Products MAX6340 Datasheet HTML 5Page - Maxim Integrated Products MAX6340 Datasheet HTML 6Page - Maxim Integrated Products MAX6340 Datasheet HTML 7Page - Maxim Integrated Products MAX6340 Datasheet HTML 8Page - Maxim Integrated Products MAX6340 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low-Power, SC70/SOT µP Reset Circuits with
Capacitor-Adjustable Reset Timeout Delay
_______________________________________________________________________________________
3
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
02
1
3456
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +25
°C
TA = +125
°C
TA = -40
°C
0.1
1
100
10
1000
10,000
0.001
0.1
0.01
1
10
100
1000
RESET TIMEOUT PERIOD vs. CSRT
CSRT (nF)
4.10
4.20
4.15
4.25
4.30
-50
0
-25
25
50
75
100
125
RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
CSRT = 1500pF
RESET TIMEOUT PERIOD
vs. TEMPERATURE
200
250
350
300
500
550
450
400
600
-50
0
25
-25
50
75
100
125
TEMPERATURE (
°C)
CSRT = 0
0
50
25
100
75
150
125
175
0
400
200
600
800
1000
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE (mV)
RESET OCCURS
ABOVE THE CURVE
VTH = 2.95V
VCC TO RESET DELAY
vs. TEMPERATURE (VCC FALLING)
80
90
110
100
140
150
130
120
160
-50
0
25
-25
50
75
100
125
TEMPERATURE (
°C)
VCC FALLING AT 1mV
µs
POWER-UP/POWER-DOWN
CHARACTERISTIC
1V/div
1V/div
VCC
RESET
VTH = 1.6V
400
µs/div
0.994
0.998
0.996
1.002
1.000
1.004
1.006
-50
25
50
-25
0
75
100
125
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
Typical Operating Characteristics
(VCC = 5V, CSRT = 1500pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com