Electronic Components Datasheet Search
  English  ▼

X  

S8229 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8229
Description  BATTERY MONITORING IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8229 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8229 Datasheet HTML 8Page - Seiko Instruments Inc S8229 Datasheet HTML 9Page - Seiko Instruments Inc S8229 Datasheet HTML 10Page - Seiko Instruments Inc S8229 Datasheet HTML 11Page - Seiko Instruments Inc S8229 Datasheet HTML 12Page - Seiko Instruments Inc S8229 Datasheet HTML 13Page - Seiko Instruments Inc S8229 Datasheet HTML 14Page - Seiko Instruments Inc S8229 Datasheet HTML 15Page - Seiko Instruments Inc S8229 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
BATTERY MONITORING IC
S-8229 Series
Rev.1.0_01
Seiko Instruments Inc.
12
Application Circuits
1. Detection of residual quantity of the battery used by LED
OUT1
OUT2
OUT3
S-8229
Series
ON / OFF
VSS
VDD
ROUT1
ROUT2
ROUT3
LED3
LED2
LED1
R1
C1
Figure 12
Caution
The above connection diagram and constant will not guarantee successful operation. Perform
thorough evaluation using the actual application to set the constant.
2. Change of detection voltage
When the detection voltage is changed by using a resistance divider, set RA
≤ 100 kΩ to prevent oscillation, as
shown in Figure 13.
The detection voltage after changing is calculated by using the following equation.
Detection voltage =
RA
+ RB
RB
× −VDETn + RA × IDD
OUT1
OUT2
OUT3
S-8229
Series
ON / OFF
VSS
VDD
RA
RB
ROUT1 ROUT2 ROUT3
C1
Figure 13
Caution 1.
Note that the detection voltage may deviate from the value determined by the ratio of RA and RB
in the case of the above connection diagram.
2.
The above connection diagram and constant will not guarantee successful operation. Perform
thorough evaluation using the actual application to set the constant.
Remark
n = 1 to 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com