Electronic Components Datasheet Search
  English  ▼

X  

CSD87501LT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87501LT
Description  CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87501LT Datasheet(HTML) 5 Page - Texas Instruments

  CSD87501LT Datasheet HTML 1Page - Texas Instruments CSD87501LT Datasheet HTML 2Page - Texas Instruments CSD87501LT Datasheet HTML 3Page - Texas Instruments CSD87501LT Datasheet HTML 4Page - Texas Instruments CSD87501LT Datasheet HTML 5Page - Texas Instruments CSD87501LT Datasheet HTML 6Page - Texas Instruments CSD87501LT Datasheet HTML 7Page - Texas Instruments CSD87501LT Datasheet HTML 8Page - Texas Instruments CSD87501LT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
0.6
0.8
1
1.2
1.4
1.6
1.8
D008
VGS = 4.5 V
VGS = 10 V
VS1S2 - Source-to-Source Voltage (V)
0.1
1
10
100
0.01
0.1
1
10
100
D009
100 ms
10 ms
1 ms
100 µs
10 µs
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
1
1.2
1.4
1.6
1.8
2
2.2
2.4
D006
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
3
6
9
12
15
18
21
24
D007
TC = 25°C, I S = 7 A
TC = 125°C, I S = 7 A
VS1S2 - Source-to-Source Voltage (V)
0
3
6
9
12
15
18
21
24
27
30
10
100
1000
10000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
Qg - Gate Charge (nC)
0
4
8
12
16
20
24
28
32
0
1
2
3
4
5
6
7
8
9
10
D004
CSD87501L
www.ti.com
SLPS523A – FEBRUARY 2015 – REVISED APRIL 2015
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
IS = 7 A
VS1S2 = 15 V
Figure 4. Gate Charge
Figure 5. Capacitance
IS = 250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Source-to-Source Resistance vs
Gate-to-Source Voltage
IS = 7 A
Single Pulse, Max RθJA = 135°C/W
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Maximum Safe Operating Area
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD87501L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com